Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM37101D-2.5 Fiches technique(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

No de pièce LM37101D-2.5
Description  1A Low-Voltage Low-Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HTC [HTC Korea TAEJIN Technology Co.]
Site Internet  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM37101D-2.5 Fiches technique(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM37101D-2.5 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM37101D-2.5 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM37101D-2.5 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM37101D-2.5 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM37101D-2.5 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM37101D-2.5 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM37101D-2.5 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM37101D-2.5 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM37101D-2.5 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1A Low-Voltage Low-Dropout Regulator
LM37101/37102
Nov. 2011 – R1.1
- 3
-
HTC
PIN CONFIGURATION
SOP-8
TO-252 5L
PIN DESCRIPTION
Pin No.
TO-252 5L PKG
SOP-8 PKG
Name
Function
Name
Function
1
EN
Chip Enable
EN
Chip Enable
2
VIN
Input Supply
VIN
Input Supply
3
GND
Ground
VOUT
Output Voltage
4
VOUT
Output Voltage
FLG / ADJ
Error Flag Output
or Output Adjust
5
FLG / ADJ
Error Flag Output
or Output Adjust
GND
Ground
6 / 7 / 8
-
-
GND
Ground
TYPICAL APPLICATION
IN
OUT
EN
FLG
GND
100k
LM37101
2.5V
Error Flag
Output
3.3V
Enable
Shutdown
2.5V / 1A Regulator with Error Flag
IN
OUT
EN
ADJ
GND
LM37102
1.5V
2.5V
Enable
Shutdown
R1
R2
1.5V / 1A Adjustable Regulator
EN 1
VIN 2
VOUT 3
FLG/ADJ 4
8 GND
7 GND
6 GND
5 GND
FLG/ADJ
VOUT
GND (TAB)
VIN
EN
5
4
3
2
1


Numéro de pièce similaire - LM37101D-2.5

FabricantNo de pièceFiches techniqueDescription
logo
HTC Korea TAEJIN Techno...
LM37101D-2.5V HTC-LM37101D-2.5V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results

Description similaire - LM37101D-2.5

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
   1A Low-Voltage Low-Dropout Regulator
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
   1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com