Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2596TV Fiches technique(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

No de pièce LM2596TV
Description  3.0A, 150kHz, Step-Down Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HTC [HTC Korea TAEJIN Technology Co.]
Site Internet  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2596TV Fiches technique(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

  LM2596TV Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2596TV Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2596TV Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2596TV Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2596TV Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2596TV Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2596TV Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2596TV Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3.0A, 150kHz, Step-Down Switching Regulator
LM2596
Cin = 470㎌, 50V, Cout = 220㎌, 25V (Aluminum Electrilytic Nichicon "PL Series"
D1 = 5A, 40V Schottky Rectifier, IN5825
L1 = 68uH, L38
Cin = 470㎌, 50V, Cout = 220㎌, 35V (Aluminum Electrilytic Nichicon "PL Series"
D1 = 5A, 40V Schottky Rectifier, IN5825
L1 = 68uH,
R1 = 1㏀, 1%
R2 = R1 x (Vout / Vref - 1)
Figure 2. Typical Test Circuits and Layout Guide
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring
inductance can generate voltage transients which can cause problems. For minimal inductance and
ground loops, the wires indicated by heavy lines should be wide printed circuit traces and should be
kept as short as possible. For best results, external components should be located as close to the
switching lC as possible using ground plane construction or single point grounding. If open core
inductors are used, special care must be taken as to the location and positioning of this type of
inductor. Allowing the inductor flux to intersect sensitive feedback, lC groundpath and COUT wiring
can cause problems. When using the adjustable version, special care must be taken as to the location
of the feedback resistors and the associated wiring. Physically locate both resistors near the IC, and
route the wiring away from the inductor, especially an open core type of inductor.
7 −
HTC
Test Circuit and Layout Guidelines


Numéro de pièce similaire - LM2596TV

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LM2596TV ETC1-LM2596TV Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
LM2596TV-12 ETC1-LM2596TV-12 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
LM2596TV-15 ETC1-LM2596TV-15 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
LM2596TV-3.3 ETC1-LM2596TV-3.3 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
LM2596TV-5.0 ETC1-LM2596TV-5.0 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
More results

Description similaire - LM2596TV

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
   60V, 3A, 150kHz, Step-down Switching Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
[Old version datasheet]   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com