Moteur de recherche de fiches techniques de composants électroniques |
|
TPS82697SIPR Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TPS82697SIPR Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 31 page 50.0 55.0 60.0 65.0 70.0 75.0 80.0 85.0 90.0 95.0 100.0 0.1 1 10 100 1000 Current (mA) TPS82693 VOUT = 2.85V MODE = Low G000 VIN SW FB MODE GND EN VOUT 2.85 V @ 800mA C I TPS82693SIP L VBAT C O MODE SELECTION ENABLE DC/DC Converter GND TPS82692 , TPS82693, TPS82694, TPS826951 TPS82697, TPS82698, TPS82699 www.ti.com SLVSBF8A – MARCH 2013 – REVISED JULY 2013 High-Efficiency MicroSiP(TM) STEP-DOWN CONVERTER (PROFILE <1mm) Check for Samples: TPS82692 , TPS82693, TPS82694, TPS826951, TPS82697, TPS82698, TPS82699 1 FEATURES DESCRIPTION The TPS8269xSIP device is a complete 500mA / 2 • Total Solution Size <6.7 mm2 800mA, DC/DC step-down power supply intended for • 95% Efficiency at 3MHz Operation low-power applications. Included in the package are • 23 μA Quiescent Current the switching regulator, inductor and input/output capacitors. No additional components are required to • High Duty-Cycle Operation finish the design. • Best in Class Load and Line Transient The TPS8269xSIP is based on a high-frequency • ±2% Total DC Voltage Accuracy synchronous step-down dc-dc converter optimized for • Automatic PFM/PWM Mode Switching battery-powered portable applications. The • Low Ripple Light-Load PFM Mode MicroSIP™ DC/DC converter operates at a regulated 3-MHz switching frequency and enters the power- • Excellent AC Load Regulation save mode operation at light load currents to maintain • Internal Soft Start, 200-µs Start-Up Time high efficiency over the entire load current range. • Integrated Active Power-Down Sequencing The PFM mode extends the battery life by reducing (Optional) the quiescent current to 23 μA (typ) during light load • Current Overload and Thermal Shutdown operation. For noise-sensitive applications, the device Protection has PWM spread spectrum capability providing a lower noise regulated output, as well as low noise at • Sub 1-mm Profile Solution the input. These features, combined with high PSRR and AC load regulation performance, make this APPLICATIONS device suitable to replace a linear regulator to obtain • LDO Replacement better power conversion efficiency. • Cell Phones, Smart-Phones The TPS8269xSIP is packaged in a compact (2.3mm • PoL Applications x 2.9mm) and low profile (1.0mm) BGA package suitable for automated assembly by standard surface mount equipment. Figure 1. Typical Application Figure 2. Efficiency vs. Load Current 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 MicroSIP, MicroSiP are trademarks of Texas Instruments. UNLESS OTHERWISE NOTED this document contains Copyright © 2013, Texas Instruments Incorporated PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - TPS82697SIPR |
|
Description similaire - TPS82697SIPR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |