Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62143RGTT Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62143RGTT
Description  3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62143RGTT Fiches technique(HTML) 5 Page - Texas Instruments

  TPS62143RGTT Datasheet HTML 1Page - Texas Instruments TPS62143RGTT Datasheet HTML 2Page - Texas Instruments TPS62143RGTT Datasheet HTML 3Page - Texas Instruments TPS62143RGTT Datasheet HTML 4Page - Texas Instruments TPS62143RGTT Datasheet HTML 5Page - Texas Instruments TPS62143RGTT Datasheet HTML 6Page - Texas Instruments TPS62143RGTT Datasheet HTML 7Page - Texas Instruments TPS62143RGTT Datasheet HTML 8Page - Texas Instruments TPS62143RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
control logic
Soft
start
Thermal
Shtdwn
UVLO
PG control
power
control
error
amplifier
gate
drive
HS lim
LS lim
PVIN
PVIN
AVIN
PG
PGND
PGND
AGND
comp
comp
+
_
timer tON
DCS - Control
TM
direct control
&
compensation
comparator
ramp
SW
SW
SW
EN
*
SS/TR
DEF
*
FSW
*
VOS
FB
* This pin is connected to a pull down resistor internally
(see Detailed Description section).
TPS62140, TPS62140A
TPS62141, TPS62142, TPS62143
www.ti.com
SLVSAJ0B – NOVEMBER 2011 – REVISED JUNE 2013
FUNCTIONAL BLOCK DIAGRAM
Figure 2. TPS62140 (Adjustable Output Voltage)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62140 TPS62140A TPS62141 TPS62142 TPS62143


Numéro de pièce similaire - TPS62143RGTT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62143RGTT TI1-TPS62143RGTT Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
More results

Description similaire - TPS62143RGTT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150_13 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com