Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS82693 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS82693
Description  High-Efficiency MicroSiP STEP-DOWN CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS82693 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS82693 Datasheet HTML 6Page - Texas Instruments TPS82693 Datasheet HTML 7Page - Texas Instruments TPS82693 Datasheet HTML 8Page - Texas Instruments TPS82693 Datasheet HTML 9Page - Texas Instruments TPS82693 Datasheet HTML 10Page - Texas Instruments TPS82693 Datasheet HTML 11Page - Texas Instruments TPS82693 Datasheet HTML 12Page - Texas Instruments TPS82693 Datasheet HTML 13Page - Texas Instruments TPS82693 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.1
1
10
100
1000
Current (mA)
VIN = 3.1V (PFM/PWM)
VIN = 3.2V (PFM/PWM)
VIN = 3.6V (PFM/PWM)
VIN = 4.2V (PFM/PWM)
VIN = 4.5V (PFM/PWM)
VIN = 3.6V (PWM)
TPS62697
VOUT = 2.8V
G000
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
1
10
100
1000
Current (mA)
VIN = 3.1V
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
VIN = 4.5V
MODE = High
TPS62697
VOUT = 2.8V
G000
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.1
1
10
100
1000
Current (mA)
VIN = 3.1V (PFM/PWM)
VIN = 3.2V (PFM/PWM)
VIN = 3.6V (PFM/PWM)
VIN = 4.2V (PFM/PWM)
VIN = 4.5V (PFM/PWM)
VIN = 3.6V (PWM)
TPS82693
VOUT = 2.85V
G000
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
1
10
100
1000
Current (mA)
VIN = 3.1V
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
VIN = 4.5V
MODE = High
TPS82693
VOUT = 2.85V
G000
TPS82692 , TPS82693, TPS82694, TPS826951
TPS82697, TPS82698, TPS82699
SLVSBF8A – MARCH 2013 – REVISED JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TPS82693
TPS82693
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 7.
Figure 8.
TPS82697
TPS82697
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 9.
Figure 10.
10
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS82692 TPS82693 TPS82694 TPS826951 TPS82697 TPS82698 TPS82699


Numéro de pièce similaire - TPS82693

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82693 TI1-TPS82693 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82693SIP TI1-TPS82693SIP Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82693SIPR TI1-TPS82693SIPR Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82693SIPT TI1-TPS82693SIPT Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results

Description similaire - TPS82693

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com