Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54020RUWR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54020RUWR
Description  Small, 10-A, 4.5-V to 17-V Input, SWIFT Synchronous Step-Down Converter with Light-Load Efficiency
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54020RUWR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS54020RUWR Datasheet HTML 5Page - Texas Instruments TPS54020RUWR Datasheet HTML 6Page - Texas Instruments TPS54020RUWR Datasheet HTML 7Page - Texas Instruments TPS54020RUWR Datasheet HTML 8Page - Texas Instruments TPS54020RUWR Datasheet HTML 9Page - Texas Instruments TPS54020RUWR Datasheet HTML 10Page - Texas Instruments TPS54020RUWR Datasheet HTML 11Page - Texas Instruments TPS54020RUWR Datasheet HTML 12Page - Texas Instruments TPS54020RUWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
16
18
20
22
24
26
28
30
-50
-25
0
25
50
75
100
125
150
TJ − Junction Temperature − °C
Vss-Vsense
90
92
94
96
98
100
102
104
106
108
110
-50
-25
0
25
50
75
100
125
150
TJ − Junction Temperature − °C
Fault Rising
Good Rising
Fault Falling
Good Falling
2.290
2.295
2.300
2.305
2.310
2.315
2.320
2.325
2.330
2.335
2.340
-50
-25
0
25
50
75
100
125
150
TJ -
Junction Temperature
- °C
520
540
560
580
600
620
640
660
680
-50
-25
0
25
50
75
100
125
150
TJ − Junction Temperature − °C
Vin = 17V
Vin = 12V
Vin = 4.5V
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
-50
-25
0
25
50
75
100
125
150
TJ − Junction Temperature − °C
Vin = 12V
1.175
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
-50
-25
0
25
50
75
100
125
150
TJ − Junction Temperature − °C
Falling
Rising
TPS54020
www.ti.com
SLVSB10C – JULY 2012 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS (continued)
Figure 7. EN Pin Pull-Up Current vs Junction Temperature,
Figure 8. EN Pin UVLO Threshold vs Junction Temperature,
VEN = 1.1 V
VVIN = 12 V
Figure 9. Non-switching Operating Current vs vs Junction
Figure 10. Soft-Start Charge Current vs Junction
Temperature
Temperature
Figure 11. (VSS-VVSENSE) Offset vs Junction Temperature
Figure 12. Power Good Threshold vs Junction Temperature
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54020


Numéro de pièce similaire - TPS54020RUWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54020RUWR TI1-TPS54020RUWR Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
More results

Description similaire - TPS54020RUWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622_17 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com