Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS84A20 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS84A20
Description  2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS84A20 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS84A20 Datasheet HTML 7Page - Texas Instruments TPS84A20 Datasheet HTML 8Page - Texas Instruments TPS84A20 Datasheet HTML 9Page - Texas Instruments TPS84A20 Datasheet HTML 10Page - Texas Instruments TPS84A20 Datasheet HTML 11Page - Texas Instruments TPS84A20 Datasheet HTML 12Page - Texas Instruments TPS84A20 Datasheet HTML 13Page - Texas Instruments TPS84A20 Datasheet HTML 14Page - Texas Instruments TPS84A20 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
( )
=
W
æ
ö
æ
ö
-
ç
÷
ç
÷
è
ø
è
ø
SET
OUT
1.43
R
k
V
1
0.6
TPS84A20
www.ti.com
SLVSBC6 – MARCH 2013
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
The VADJ control sets the output voltage of the TPS84A20. The output voltage adjustment range is from 0.6V to
5.5V. The adjustment method requires the addition of RSET, which sets the output voltage, the connection of
SENSE+ to VOUT, and in some cases RRT which sets the switching frequency. The RSET resistor must be
connected directly between the VADJ (pin 26) and AGND (pin 23). The SENSE+ pin (pin 27) must be connected
to VOUT either at the load for improved regulation or at VOUT of the device. The RRT resistor must be connected
directly between the RT/CLK (pin 22) and AGND (pin 23). Table 1 gives the standard external RSET resistor for a
number of common bus voltages, along with the recommended RRT resistor for that output voltage.
Table 1. Standard RSET Resistor Values for Common Output Voltages
RESISTORS
OUTPUT VOLTAGE VOUT (V)
0.9
1.0
1.2
1.8
2.5
3.3
5.0
RSET (kΩ)
2.87
2.15
1.43
0.715
0.453
0.316
0.196
RRT (kΩ)
1000
1000
487
169
90.9
90.9
63.4
For other output voltages, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of values given in Table 2.
(1)
Table 2. Standard RSET Resistor Values
VOUT (V)
RSET (kΩ)
RRT(kΩ)
fSW(kHz)
VOUT (V)
RSET (kΩ)
RRT(kΩ)
fSW(kHz)
0.6
open
OPEN
200
3.1
0.348
90.9
750
0.7
8.66
OPEN
200
3.2
0.332
90.9
750
0.8
4.32
OPEN
200
3.3
0.316
90.9
750
0.9
2.87
1000
250
3.4
0.309
90.9
750
1.0
2.15
1000
250
3.5
0.294
90.9
750
1.1
1.74
1000
250
3.6
0.287
90.9
750
1.2
1.43
487
300
3.7
0.280
90.9
750
1.3
1.24
487
300
3.8
0.267
90.9
750
1.4
1.07
487
300
3.9
0.261
90.9
750
1.5
0.953
487
300
4.0
0.255
90.9
750
1.6
0.866
487
300
4.1
0.243
63.4
1000
1.7
0.787
487
300
4.2
0.237
63.4
1000
1.8
0.715
169
500
4.3
0.232
63.4
1000
1.9
0.665
169
500
4.4
0.226
63.4
1000
2.0
0.619
169
500
4.5
0.221
63.4
1000
2.1
0.576
169
500
4.6
0.215
63.4
1000
2.2
0.536
169
500
4.7
0.210
63.4
1000
2.3
0.511
169
500
4.8
0.205
63.4
1000
2.4
0.475
169
500
4.9
0.200
63.4
1000
2.5
0.453
90.9
750
5.0
0.196
63.4
1000
2.6
0.432
90.9
750
5.1
0.191
63.4
1000
2.7
0.412
90.9
750
5.2
0.187
63.4
1000
2.8
0.392
90.9
750
5.3
0.182
63.4
1000
2.9
0.374
90.9
750
5.4
0.178
63.4
1000
3.0
0.357
90.9
750
5.5
0.174
63.4
1000
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS84A20


Numéro de pièce similaire - TPS84A20

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPS841 TOSHIBA-TPS841 Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
TPS841F TOSHIBA-TPS841F Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
logo
Texas Instruments
TPS84210 TI1-TPS84210 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
TPS84210RKG TI1-TPS84210RKG Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
More results

Description similaire - TPS84A20

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
logo
Rohm
BD9D300MUV ROHM-BD9D300MUV Datasheet
1Mb / 42P
   4.0 V to 17 V Input, 3 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Sep.2021 Rev.002
logo
Texas Instruments
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS563202 TI1-TPS563202_V01 Datasheet
912Kb / 24P
[Old version datasheet]   TPS563202 4.3-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com