Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD75207W15 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD75207W15
Description  Dual P-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD75207W15 Fiches technique(HTML) 5 Page - Texas Instruments

  CSD75207W15 Datasheet HTML 1Page - Texas Instruments CSD75207W15 Datasheet HTML 2Page - Texas Instruments CSD75207W15 Datasheet HTML 3Page - Texas Instruments CSD75207W15 Datasheet HTML 4Page - Texas Instruments CSD75207W15 Datasheet HTML 5Page - Texas Instruments CSD75207W15 Datasheet HTML 6Page - Texas Instruments CSD75207W15 Datasheet HTML 7Page - Texas Instruments CSD75207W15 Datasheet HTML 8Page - Texas Instruments CSD75207W15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
−50
−25
0
25
50
75
100
125
150
175
TA - Ambient Temperature (ºC)
Typical RthetaJA =70ºC/W(max Cu)
G001
0.01
0.1
1
10
100
1000
0.1
1
10
100
− V
D1D2 - Drain 1 to Drain 2 Voltage (V)
1ms
10ms
100ms
1s
DC
Single Pulse
Typical RthetaJA =165ºC/W(min Cu)
G001
1
10
100
0.01
0.1
1
TAV - Time in Avalanche (ms)
TC = 25ºC
TC = 125ºC
G001
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
VGS = −2.5V
VGS = −4.5V
ID = −1A
G001
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
− V
SD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
CSD75207W15
www.ti.com
SLPS418 – JUNE 2013
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 8. Normalized On-State Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
TEXT ADDED FOR SPACING
Figure 12. Maximum Drain Current vs. Temperature
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD75207W15


Numéro de pièce similaire - CSD75207W15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15 Datasheet
245Kb / 11P
[Old version datasheet]   Dual P-Channel NexFET Power MOSFET
CSD75204W15 TI-CSD75204W15 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75204W15 TI-CSD75204W15_10 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75205W1015 TI-CSD75205W1015 Datasheet
298Kb / 11P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD75208W1015 TI1-CSD75208W1015 Datasheet
766Kb / 12P
[Old version datasheet]   Dual 20V Common Source P-Channel NexFET Power MOSFET
More results

Description similaire - CSD75207W15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15 Datasheet
245Kb / 11P
[Old version datasheet]   Dual P-Channel NexFET Power MOSFET
CSD75204W15 TI-CSD75204W15_10 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75211W1723 TI-CSD75211W1723_11 Datasheet
339Kb / 8P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75211W1723 TI-CSD75211W1723 Datasheet
415Kb / 10P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25302Q2 TI-CSD25302Q2 Datasheet
138Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com