Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2042D Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2042D
Description  DUAL POWER-DISTRIBUTION SWITCHES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2042D Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS2042D Datasheet HTML 7Page - Texas Instruments TPS2042D Datasheet HTML 8Page - Texas Instruments TPS2042D Datasheet HTML 9Page - Texas Instruments TPS2042D Datasheet HTML 10Page - Texas Instruments TPS2042D Datasheet HTML 11Page - Texas Instruments TPS2042D Datasheet HTML 12Page - Texas Instruments TPS2042D Datasheet HTML 13Page - Texas Instruments TPS2042D Datasheet HTML 14Page - Texas Instruments TPS2042D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TPS2042, TPS2052
DUAL POWER-DISTRIBUTION SWITCHES
SLVS173A – AUGUST 1998 – REVISED APRIL 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 16
70
60
50
–50
–25
0
25
50
80
90
SUPPLY CURRENT, OUTPUT ENABLED
vs
JUNCTION TEMPERATURE
100
75
100
125
150
TJ – Junction Temperature – °C
VI(IN) = 5.5 V
VI(IN) = 5 V
VI(IN) = 4 V
VI(IN) = 3.3 V
VI(IN) = 2.7 V
Figure 17
500
300
100
–100
–50
–25
0
25
50
75
700
900
SUPPLY CURRENT, OUTPUT DISABLED
vs
JUNCTION TEMPERATURE
1000
100
125
150
800
600
400
200
0
TJ – Junction Temperature – °C
VI(IN) = 5.5 V
VI(IN) = 5 V
VI(IN) = 4 V
VI(IN) = 2.7 V
Figure 18
70
60
50
2.5
3
3.5
4
4.5
80
90
SUPPLY CURRENT, OUTPUT ENABLED
vs
INPUT VOLTAGE
100
5
5.5
6
VI – Input Voltage – V
TJ = –40°C
TJ = 125°C
TJ = 85°C
TJ = 25°C
TJ = 0°C
Figure 19
400
200
0
–200
2.5
3
3.5
4
4.5
600
800
SUPPLY CURRENT, OUTPUT DISABLED
vs
INPUT VOLTAGE
1000
5
5.5
6
VI – Input Voltage – V
TJ = –40°C
TJ = 125°C
TJ = 85°C
TJ = 25°C
TJ = 0°C


Numéro de pièce similaire - TPS2042D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2042D TI-TPS2042D Datasheet
430Kb / 24P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2042D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2042 TI-TPS2042 Datasheet
430Kb / 24P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
logo
Anpec Electronics Corop...
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Texas Instruments
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com