Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2576HVT-12 Fiches technique(PDF) 6 Page - Tiger Electronic Co.,Ltd

No de pièce LM2576HVT-12
Description  regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TGS [Tiger Electronic Co.,Ltd]
Site Internet  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576HVT-12 Fiches technique(HTML) 6 Page - Tiger Electronic Co.,Ltd

  LM2576HVT-12 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LM2576 Series
Typical Performance Characteristics (Circuit of Figure 2)
Normalized Output Voltage
Line Regulation
Dropout Voltage
VIN =20V
ILOAD = 500mA
Normalized at
TJ =25°C
ILOAD = 500mA
TJ =25°C
ILOAD = 3A
L1 = 150
H
3.3V, 5V & ADJ
12V & 15V
ILOAD = 200mA
ILOAD = 1A
RIND = 0.1Ω
JUNCTION TEMPERATURE (°C)
INPUT VOLTAGE (V)
JUNCTION TEMPERATURE (°C)
Standby
Quiescent Current
Quiescent Current
Current Limit
VIN = 25V
VIN = 40V
VOUT = 5V
Measured at
Ground Pin
VON/OFF = 5V
TJ =25°C
VIN =12 V
ILOAD = 200mA
ILOAD = 3A
JUNCTION TEMPERATURE (°C)
INPUT VOLTAGE (V)
JUNCTION TEMPERATURE (°C)
Switch Saturation
Voltage
Efficiency
Oscilator Frequency
Normalized at 25°C
-55°C
ILOAD = 3A
15V OUT
TJ =25°C
ILOAD = 200mA
VIN = 40V
25°C
150°C
5V
ILOAD = 3A
ILOAD = 200mA
VIN = 12V
SWITCH CURRENT (A)
INPUT VOLTAGE (V)
JUNCTION TEMPERATURE (°C)
Minimum Operating Voltage
Quiescent Current
vs Duty Cycle
Feedback Voltage
vs Duty Cycle
Adjustable Version Only
Adjustable Version Only
VIN = 7V
Adjustable Version Only
ILOAD = 500mA
VIN = 40V
VOUT ≈1.23V
ILOAD = 500mA
ILOAD = 500mA
VIN = 40V
VIN = 7V
JUNCTION TEMPERATURE (°C)
DUTY CYCLE (%)
DUTY CYCLE (%)
6
ELECTRONICS CO.,LTD
TIGER


Numéro de pièce similaire - LM2576HVT-12

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2576HVT-12 NSC-LM2576HVT-12 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576HVT-12 TI1-LM2576HVT-12 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576HVT-12 TI1-LM2576HVT-12 Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576HVT-12 ARTSCHIP-LM2576HVT-12 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2576HVT-12 UMW-LM2576HVT-12 Datasheet
2Mb / 10P
   IC REG BUCK 3A TO263-5L
More results

Description similaire - LM2576HVT-12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2596 TI-LM2596 Datasheet
4Mb / 42P
[Old version datasheet]   monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
STMicroelectronics
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
   The L5973D is a step-down monolithic power switching regulator capable
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com