Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA4558RF-TR Fiches technique(PDF) 8 Page - Rohm

No de pièce BA4558RF-TR
Description  Low Noise Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF-TR Fiches technique(HTML) 8 Page - Rohm

Back Button BA4558RF-TR Datasheet HTML 4Page - Rohm BA4558RF-TR Datasheet HTML 5Page - Rohm BA4558RF-TR Datasheet HTML 6Page - Rohm BA4558RF-TR Datasheet HTML 7Page - Rohm BA4558RF-TR Datasheet HTML 8Page - Rohm BA4558RF-TR Datasheet HTML 9Page - Rohm BA4558RF-TR Datasheet HTML 10Page - Rohm BA4558RF-TR Datasheet HTML 11Page - Rohm BA4558RF-TR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
8/26
4.SEP.2012 Rev.003
TSZ22111・15・00
BA4558xxx, BA4558Rxxx
●Typical Performance Curves
○ BA4558
(*) The above data is measurement value of typical sample, it is not guaranteed.
0
200
400
600
800
1000
025
50
75
100
125
AMBIENT TEMPERTURE [
℃]
.
25℃
85℃
-40℃
Fig.3
Supply Current – Supply Voltage
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [k
Ω]
Fig.5
Maximum Output Voltage Swing
- Load Resistance
(VCC/VEE=+15V/-15V, Ta=25℃)
Fig.2
Derating Curve
0.0
1.0
2.0
3.0
4.0
5.0
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [ V]
85
BA4558F
BA4558FVM
BA4558FJ
BA4558FV/FVT
Fig.4
Supply Current – Ambient Temperature
0.0
1.0
2.0
3.0
4.0
5.0
- 50-25
0
25
50
75100
AMBIENT TEMPERATURE [℃]
±4 V
±15V
±7.5 V


Numéro de pièce similaire - BA4558RF-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA4558RF-E2 ROHM-BA4558RF-E2 Datasheet
561Kb / 29P
   Low Noise Operational Amplifiers
4.SEP.2012 Rev.003
More results

Description similaire - BA4558RF-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com