Moteur de recherche de fiches techniques de composants électroniques |
|
BA4510FVTTR Fiches technique(PDF) 10 Page - Rohm |
|
BA4510FVTTR Fiches technique(HTML) 10 Page - Rohm |
10 / 22 page Datasheet www.rohm.com TSZ02201-0RAR1G200080-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 10/19 7.NOV.2012 Rev.001 TSZ22111・15・00 BA4510xxx ○BA4510 (*) The above data is measurement value of typical sample, it is not guaranteed. Figure 18. Common Mode Rejection Ratio - Ambient Temperature 0 20 40 60 80 100 120 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] Figure 19. Power Supply Rejection Ratio - Ambient Temperature 0 20 40 60 80 100 120 -50 -250 255075 100 AMBIENT TEMPERATURE [ ℃] Figure 21. Slew Rate H-L - Ambient Temperature 0 2 4 6 8 10 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [ ℃] ±1.5V ±2.5V ±3.5V Figure 20. Slew Rate L-H - Ambient Temperature 0 2 4 6 8 10 -50 -250 255075 100 AMBIENT TEMPERATURE [ ℃] ±1.5V ±2.5V ±3.5V |
Numéro de pièce similaire - BA4510FVTTR |
|
Description similaire - BA4510FVTTR |