Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFC233627474 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BFC233627474
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233627474 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BFC233627474 Datasheet HTML 1Page - Vishay Siliconix BFC233627474 Datasheet HTML 2Page - Vishay Siliconix BFC233627474 Datasheet HTML 3Page - Vishay Siliconix BFC233627474 Datasheet HTML 4Page - Vishay Siliconix BFC233627474 Datasheet HTML 5Page - Vishay Siliconix BFC233627474 Datasheet HTML 6Page - Vishay Siliconix BFC233627474 Datasheet HTML 7Page - Vishay Siliconix BFC233627474 Datasheet HTML 8Page - Vishay Siliconix BFC233627474 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MKP336 2 X2
www.vishay.com
Vishay BCcomponents
Revision: 18-Dec-12
1
Document Number: 28120
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Interference Suppression Film Capacitors
MKP Radial Potted Type
FEATURES
• 10 mm to 27.5 mm lead pitch
• Supplied loose in box, taped on reel
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
For standard across the line X2 applications
See also application note: www.vishay.com/doc?28153
Note
• For more detailed data and test requirements, contact: rfi@vishay.com
QUICK REFERENCE DATA
Capacitance range (E12 series)
0.001 μF to 2.2 μF (preferred values acc. to E6)
Capacitance tolerance
± 20 %; ± 10 %; ± 5 %
Climatic testing class according to IEC 60068-1
55/110/56/B
Rated AC voltage
310 VAC; 50 Hz to 60 Hz
Permissible DC voltage
800 VDC at 85 °C, 630 VDC at 110 °C
Maximum application temperature
C
 470 nF: 110 °C (125 °C for less than 1000 h), C > 470 nF: 110 °C
Reference standards
IEC 60384-14 ed 3 and EN60384-14
IEC 60065, pass. flamm. class B for volumes > 1750 mm3
CQC
UL 60384-14; CSA E384-14
Dielectric
Polypropylene film
Electrodes
Metallized film
Construction
Mono construction
Encapsulation
Plastic case, epoxy resin sealed, flame retardant UL-class 94 V-0
Leads
Tinned wire
Marking
C-value; tolerance; rated voltage; sub-class; manufacturer’s type designation;
code for dielectric material; manufacturer location; manufacturer’s logo;
year and week; safety approvals
DIMENSIONS in millimeters
h
l
t
l
w
Ø dt
P ± 0.4


Numéro de pièce similaire - BFC233627474

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BFC2336274 VISHAY-BFC2336274 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
More results

Description similaire - BFC233627474

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com