Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7573 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC7573
Description  This document contains the following chapters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC7573 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button DAC7573 Datasheet HTML 7Page - Texas Instruments DAC7573 Datasheet HTML 8Page - Texas Instruments DAC7573 Datasheet HTML 9Page - Texas Instruments DAC7573 Datasheet HTML 10Page - Texas Instruments DAC7573 Datasheet HTML 11Page - Texas Instruments DAC7573 Datasheet HTML 12Page - Texas Instruments DAC7573 Datasheet HTML 13Page - Texas Instruments DAC7573 Datasheet HTML 14Page - Texas Instruments DAC7573 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
EVM Basic Functions
1-3
EVM Overview
Caution
To avoid potential damage to the EVM board, make sure that the
correct cables are connected to their respective terminals as
labeled on the EVM board.
Stresses above the maximum listed voltage ratings may cause
permanent damage to the device.
1.2.2
Reference Voltage
The 5-V precision voltage reference is provided to supply the external voltage
reference for the DAC through REF02, U3, via jumper W4 by shorting pins 1
and 2. The reference voltage goes through 100-k
Ω potentiometer R11 in
series with 20-k
Ω R10 to allow the user to adjust the reference voltage to a
desired level. The voltage reference is then buffered through U8A to the DUT.
Test points TP1, TP2, and TP5 are also provided, as well as J4- 18 and J4- 20,
to allow the user to connect another external reference source if the onboard
reference circuit is not used. The external voltage reference must not exceed
5 Vdc.
The REF02 precision reference is powered by VCC (15 V) through the J1-3
or J6 - 1 terminal.
Caution
When applying an external voltage reference through TP1 or J4- 20,
make sure that it does not exceed 5 V maximum. Otherwise, this
can permanently damage the installed device under test (DUT).
1.3
EVM Basic Functions
The DACx573 EVM is a functional-evaluation platform to demonstrate the
operation of the DACx573 family of digital - to - analog converters. Functional
evaluation of the DAC device can be conducted with any microprocessor, TI
DSP, or a waveform generator.
Header connectors J2 and P2 allow control signals and data from a host
processor or waveform generator to interface with the DACx573 EVM using
a custom-built cable.
Specific adapter interface boards are also available for many TI DSP Starter
Kits (DSKs). Specify the correct adapter interface board for the TI DSP Starter
Kit to be used. In addition, an MSP430-based platform (HPA449) that uses the
MSP430F449 microprocessor is available that directly interfaces with this
EVM. For more information regarding the adapter - interface board or the
HPA449 platform, please call Texas Instruments or send email to
dataconvapps@list.ti.com.


Numéro de pièce similaire - DAC7573

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573IPW TI-DAC7573IPW Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573IPW TI1-DAC7573IPW Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573IPWG4 TI1-DAC7573IPWG4 Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573IPWR TI-DAC7573IPWR Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC7573

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
TSI721 IDT-TSI721 Datasheet
423Kb / 68P
   This document uses the following conventions
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
Freescale Semiconductor...
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
   The following revision history table summarizes changes contained in this document.
logo
Integrated Device Techn...
TSI350 IDT-TSI350 Datasheet
848Kb / 163P
   This chapter discusses the following
logo
STMicroelectronics
TN0235 STMICROELECTRONICS-TN0235 Datasheet
256Kb / 9P
   This document contains a list of frequently
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
logo
Zilog, Inc.
ZRD0027PLM0ZRD ZILOG-ZRD0027PLM0ZRD Datasheet
558Kb / 24P
   This reference design features the following elements
logo
Integrated Device Techn...
TSI340 IDT-TSI340 Datasheet
667Kb / 149P
   This chapter discusses the following topics about the Tsi340
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com