Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-351A Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce ST-351A
Description  The following sections describe the function of individual circuits.
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

ST-351A Fiches technique(HTML) 6 Page - Texas Instruments

Back Button ST-351A Datasheet HTML 2Page - Texas Instruments ST-351A Datasheet HTML 3Page - Texas Instruments ST-351A Datasheet HTML 4Page - Texas Instruments ST-351A Datasheet HTML 5Page - Texas Instruments ST-351A Datasheet HTML 6Page - Texas Instruments ST-351A Datasheet HTML 7Page - Texas Instruments ST-351A Datasheet HTML 8Page - Texas Instruments ST-351A Datasheet HTML 9Page - Texas Instruments ST-351A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
1.2
EVM Basic Functions
Overview
Figure 1. ADS5281 EVM
Eight analog inputs to the ADC are provided via external SMA connectors.
The EVM provides an external SMA connector for input of the ADC clock. The ADC can be clocked using
either a single-ended or differential clock. Provisions are made on the EVM to allow users to evaluate the
ADC using a single-ended PECL clock and a differential transformer-coupled clock.
Digital output from the EVM is via a high-speed, high-density Samtec output header. The digital output
connector mates directly to the TSW1200 Rev B or through an adapter to the TI ADSDeSer-50EVM, both
of which deserialize the serial data stream into parallel CMOS data.
Power connections to the EVM are via banana jack sockets. Separate sockets are provided for the ADC
analog and ADC digital supplies and for the auxiliary circuits.
6
SLAU205 – January 2008
Submit Documentation Feedback


Numéro de pièce similaire - ST-351A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ST-351A TI1-ST-351A Datasheet
399Kb / 25P
[Old version datasheet]   High-Performance Linear/Interface Products
More results

Description similaire - ST-351A

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
AN-2001 NSC-AN-2001 Datasheet
148Kb / 6P
   The following sections will demonstrate how to achieve
logo
STMicroelectronics
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
   The purpose of this document is to describe the design of the application
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
   The purpose of this document is to describe the design of the application
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
   Following the market launch of the award winning
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
logo
STMicroelectronics
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
   The purpose of this document is to describe
UM1608 STMICROELECTRONICS-UM1608 Datasheet
634Kb / 9P
   The purpose of this document is to describe
AN3383 STMICROELECTRONICS-AN3383 Datasheet
5Mb / 29P
   The purpose of this application note is to describe:
AN3959 STMICROELECTRONICS-AN3959 Datasheet
4Mb / 65P
   The purpose of this application note is to describe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com