Moteur de recherche de fiches techniques de composants électroniques |
|
BU30TD3WG-GTR Fiches technique(PDF) 2 Page - Rohm |
|
BU30TD3WG-GTR Fiches technique(HTML) 2 Page - Rohm |
2 / 10 page www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RBR0A300030-1-2 TSZ22111・15・001 2/10 30.JUL.2013.Rev.002 BUxxTD3WG series Datasheet ●Connection Diagram SSOP5 ●Pin Descriptions SSOP5 PIN No. Symbol Function 1 VIN Power Supply Voltage 2 GND Grouding 3 STBY ON/OFF control of output voltage (High: ON, Low: OFF) 4 N.C. Unconnected Terminal 5 VOUT Output Voltage ●Ordering Information (Unit : mm) SSOP5 2.9 ±0.2 0.13 4° +6° −4° +0.05 −0.03 0.42 +0.05 −0.04 0.95 5 4 12 3 0.1 Lot. No TOP VIEW VIN GND STBY N.C. VOUT Marking BU x x T D 3 W G - x T R Part Output Voltage Series with Package Halogen Free Packageing and forming specification Number 10 : 1.0V Maximum Output Current output discharge G : SSOP5 G : compatible Embossed tape and reel 200mA Blank : incompatible TR : The pin number 1 is the upper right 34 : 3.4V |
Numéro de pièce similaire - BU30TD3WG-GTR |
|
Description similaire - BU30TD3WG-GTR |