Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL3283EIHZ-T Fiches technique(PDF) 1 Page - Integrated Device Technology

No de pièce ISL3283EIHZ-T
Description  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ISL3283EIHZ-T Fiches technique(HTML) 1 Page - Integrated Device Technology

  ISL3283EIHZ-T Datasheet HTML 1Page - Integrated Device Technology ISL3283EIHZ-T Datasheet HTML 2Page - Integrated Device Technology ISL3283EIHZ-T Datasheet HTML 3Page - Integrated Device Technology ISL3283EIHZ-T Datasheet HTML 4Page - Integrated Device Technology ISL3283EIHZ-T Datasheet HTML 5Page - Integrated Device Technology ISL3283EIHZ-T Datasheet HTML 6Page - Integrated Device Technology ISL3283EIHZ-T Datasheet HTML 7Page - Integrated Device Technology ISL3283EIHZ-T Datasheet HTML 8Page - Integrated Device Technology ISL3283EIHZ-T Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6543.2
ISL3280E, ISL3281E, ISL3282E,
ISL3283E, ISL3284E, ISL3285E
±16.5kV ESD Protected, +125°C, 3.0V to
5.5V, SOT-23/TDFN Packaged, 20Mbps,
Full Fail-safe, Low Power, RS-485/RS-422
Receivers
The Intersil ISL3280E, ISL3281E, ISL3282E, ISL3283E,
ISL3284E, ISL3285E are ±16.5kV IEC61000 ESD
Protected, 3.0V to 5.5V powered, single receivers that meet
both the RS-485 and RS-422 standards for balanced
communication. These receivers have very low bus currents
(+125µA/-100µA), so they present a true “1/8 unit load” to the
RS-485 bus. This allows up to 256 receivers on the network
without violating the RS-485 specification’s 32 unit load
maximum and without using repeaters.
Receiver inputs feature a “Full Fail-Safe” design, which
ensures a logic high Rx output if Rx inputs are floating,
shorted, or terminated but undriven.
The ISL3280E and ISL3284E feature an always enabled Rx;
the ISL3281E and ISL3285E feature an active high Rx
enable pin, and the ISL3282E and ISL3283E include an
active low enable pin. All versions are offered in Industrial
and Extended Industrial (-40°C to +125°C) temperature
ranges.
A 26% smaller footprint is available with the ISL3282E and
ISL3285E TDFN package. These devices, plus the
ISL3284E, also feature a logic supply pin (VL) that sets the
VOH level of the RO output (and the switching points of the
RE / RE input) to be compatible with another supply voltage
in mixed voltage systems.
For companion single RS-485 transmitters in micro
packages, please see the ISL3293E, ISL3294E, ISL3295E,
ISL3296E, ISL3297E, ISL3298E data sheet.
Features
• IEC61000 ESD Protection on RS-485 Inputs . . . ±16.5kV
- Class 3 ESD Level on all Other Pins . . . . . . >5kV HBM
• Pb-Free (RoHS Compliant)
• Wide Supply Range . . . . . . . . . . . . . . . . . . . 3.0V to 5.5V
• Specified for +125°C Operation
• Logic Supply Pin (VL) Eases Operation in Mixed Supply
Systems (ISL3282E, ISL3284E, ISL3285E Only)
• Full Fail-safe (Open, Short, Terminated/Undriven)
• True 1/8 Unit Load Allows up to 256 Devices on the Bus
• High Data Rates . . . . . . . . . . . . . . . . . . . . . up to 20Mbps
• Low Quiescent Supply Current . . . . . . . . . . 500µA (Max)
- Very Low Shutdown Supply Current . . . . . . 20µA (Max)
• -7V to +12V Common Mode Input Voltage Range
• Tri-statable Rx Available (Active Low or High EN Input)
• 5V Tolerant Logic Inputs When VCC ≤ 5V
Applications
• Clock Distribution
• High Node Count Systems
• Space Constrained Systems
• Security Camera Networks
• Building Environmental Control/Lighting Systems
• Industrial/Process Control Networks
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
FUNCTION
DATA RATE
(Mbps)
# DEVICES
ON BUS
RX
ENABLE?
VL PIN?
QUIESCENT
ICC (µA)
LOW POWER
SHUTDOWN?
LEAD
COUNT
ISL3280E
1 Rx
20
256
NO
NO
350
NO
5-SOT
ISL3281E
1 Rx
20
256
ACTIVE HIGH
NO
350
YES
6-SOT
ISL3282E
1 Rx
20
256
ACTIVE LOW
YES
350
YES
8-TDFN
ISL3283E
1 Rx
20
256
ACTIVE LOW
NO
350
YES
6-SOT
ISL3284E
1 Rx
20
256
NO
YES
350
NO
6-SOT
ISL3285E
1 Rx
20
256
ACTIVE HIGH
YES
350
YES
8-TDFN
Data Sheet
October 18, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Numéro de pièce similaire - ISL3283EIHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3283EIHZ-T INTERSIL-ISL3283EIHZ-T Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL3283EIHZ-T RENESAS-ISL3283EIHZ-T Datasheet
944Kb / 16P
   Clock distribution
More results

Description similaire - ISL3283EIHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com