Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

542MLFT Fiches technique(PDF) 1 Page - Integrated Device Technology

No de pièce 542MLFT
Description  CLOCK DIVIDER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

542MLFT Fiches technique(HTML) 1 Page - Integrated Device Technology

  542MLFT Datasheet HTML 1Page - Integrated Device Technology 542MLFT Datasheet HTML 2Page - Integrated Device Technology 542MLFT Datasheet HTML 3Page - Integrated Device Technology 542MLFT Datasheet HTML 4Page - Integrated Device Technology 542MLFT Datasheet HTML 5Page - Integrated Device Technology 542MLFT Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET
CLOCK DIVIDER
ICS542
IDT™ / ICS™ CLOCK DIVIDER
1
ICS542
REV J 051310
Description
The ICS542 is cost effective way to produce a high-quality
clock output divided from a clock input. The chip accepts a
clock input up to 156 MHz at 3.3 V and produces a divide by
2, 4, 6, 8, 12, or 16 of the input clock. There are two outputs
on the chip, one being a low-skew divide by two of the other.
For instance, if an 100 MHz input clock is used, the ICS542
can produce low-skew 50 MHz and 25 MHz clocks, or low
skew 25 MHz and 12.5 MHz clocks. The chip has an
all-chip power-down mode that stops the outputs low, and
an OE pin that tri-states the outputs.
See the ICS541 and ICS543 for other clock dividers, and
the ICS501, 502, 511, 512, and 525 for clock multipliers.
Features
8-pin SOIC package, Pb free
Available in RoHS compliant package
IDT’s lowest cost clock divider
Low skew (500 ps) outputs. One is /2 of the other
Easy to use with other generators and buffers
Input clock frequency up to 156 MHz
Output clock duty cycle of 45/55
Power-down turns off chip
Output Enable
Advanced, low-power CMOS process
Operating voltage of 3.3 V or 5 V
Does not degrade phase noise - no PLL
Available in industrial and commercial temperature
ranges
Block Diagram
Input Clock
Divider
and
Selection
Circuitry
CLK1
CLK2
S1, S0
/2
OE (both outputs)
GND
VDD


Numéro de pièce similaire - 542MLFT

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
542MLFT IDT-542MLFT Datasheet
119Kb / 6P
   CLOCK DIVIDER
More results

Description similaire - 542MLFT

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
DC1075 LINER-DC1075_15 Datasheet
203Kb / 1P
   CLOCK DIVIDER
logo
Integrated Device Techn...
ICS542 IDT-ICS542 Datasheet
119Kb / 6P
   CLOCK DIVIDER
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
   CLOCK DIVIDER
logo
Integrated Circuit Syst...
ICS542 ICST-ICS542 Datasheet
57Kb / 4P
   Clock Divider
logo
Renesas Technology Corp
ICS544-01 RENESAS-ICS544-01 Datasheet
248Kb / 8P
   CLOCK DIVIDER
051810
logo
Integrated Circuit Syst...
ICS544-01 ICST-ICS544-01 Datasheet
148Kb / 7P
   Clock Divider
logo
Texas Instruments
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual Clock Divider Buffer
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
[Old version datasheet]   Dual Clock Divider Buffer
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com