Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF532 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce IRF532
Description  N-Channel Power MOSFETs, 20 A, 60-100 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF532 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  IRF532 Datasheet HTML 1Page - Fairchild Semiconductor IRF532 Datasheet HTML 2Page - Fairchild Semiconductor IRF532 Datasheet HTML 3Page - Fairchild Semiconductor IRF532 Datasheet HTML 4Page - Fairchild Semiconductor IRF532 Datasheet HTML 5Page - Fairchild Semiconductor IRF532 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Numéro de pièce similaire - IRF532

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
IRF532 MOTOROLA-IRF532 Datasheet
157Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
STMicroelectronics
IRF532 STMICROELECTRONICS-IRF532 Datasheet
47Kb / 3P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
June 1988
logo
Samsung semiconductor
IRF532 SAMSUNG-IRF532 Datasheet
354Kb / 6P
   N-CHANNEL POWER MOSFETS
logo
STMicroelectronics
IRF532 STMICROELECTRONICS-IRF532 Datasheet
187Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Harris Corporation
IRF532 HARRIS-IRF532 Datasheet
390Kb / 5P
   N-Channel Power MOSFETs Avalanche Energy Rated
More results

Description similaire - IRF532

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
IRF120-123 FAIRCHILD-IRF120-123 Datasheet
166Kb / 5P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
New Jersey Semi-Conduct...
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
   N-Channel Power MOSFETs, 11 A, 60-100 V
IRF140 NJSEMI-IRF140 Datasheet
103Kb / 3P
   N-Channel Power MOSFETs, 27 A, 60-100 V
IRF520 NJSEMI-IRF520 Datasheet
798Kb / 3P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Fairchild Semiconductor
IRF150-153 FAIRCHILD-IRF150-153 Datasheet
125Kb / 4P
   N-Channel Power MOSFETs, 40 A, 60 V/100 V
2N6755 FAIRCHILD-2N6755 Datasheet
136Kb / 5P
   N-Channel Power MOSFETs, 14 A, 60 A/100 V
FMP20N05 FAIRCHILD-FMP20N05 Datasheet
126Kb / 4P
   N-Channel Power MOSFETs, 18-20 A, 50 V
logo
Texas Instruments
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com