Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8675 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8675
Description  Ultralow Noise Amplifier at Lower Power
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8675 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD8675 Datasheet HTML 4Page - Analog Devices AD8675 Datasheet HTML 5Page - Analog Devices AD8675 Datasheet HTML 6Page - Analog Devices AD8675 Datasheet HTML 7Page - Analog Devices AD8675 Datasheet HTML 8Page - Analog Devices AD8675 Datasheet HTML 9Page - Analog Devices AD8675 Datasheet HTML 10Page - Analog Devices AD8675 Datasheet HTML 11Page - Analog Devices AD8675 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADA4075-2
Data Sheet
Rev. B | Page 8 of 24
0
10
20
30
40
50
60
–15
–10
–5
0
5
10
15
VCM (V)
VSY = ±15V
Figure 15. Input Bias Current vs. Input Common-Mode Voltage
LOAD CURRENT (mA)
0.1
1
10
0.001
0.01
0.1
1
10
100
V+ – VOH
VOL – V–
VSY = ±15V
Figure 16. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
–50
–25
0
25
50
75
100
125
VOL – V–
V+ – VOH
VSY = ±15V
RL = 2kΩ
Figure 17. Output Voltage to Supply Rail vs. Temperature
–4
–3
–2
–1
01234
0
10
20
30
40
50
60
VCM (V)
VSY = ±5V
Figure 18. Input Bias Current vs. Input Common-Mode Voltage
LOAD CURRENT (mA)
0.1
1
10
0.001
0.01
0.1
1
10
100
V+ – VOH
VSY = ±5V
VOL – V–
Figure 19. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
–50
–25
0
25
50
75
100
125
V+ – VOH
VOL – V–
VSY = ±5V
RL = 2kΩ
Figure 20. Output Voltage to Supply Rail vs. Temperature


Numéro de pièce similaire - AD8675

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
REV. 0
AD8675 AD-AD8675 Datasheet
366Kb / 12P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
AD8675 AD-AD8675 Datasheet
804Kb / 24P
   30 V, Low Noise, Rail-to-Rail
REV. A
AD8675 AD-AD8675 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8675 AD-AD8675 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
More results

Description similaire - AD8675

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADA4075-2 AD-ADA4075-2 Datasheet
865Kb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. 0
ADA4075-2 AD-ADA4075-2_16 Datasheet
1Mb / 25P
   Ultralow Noise Amplifier at Lower Power
ADPD2210 AD-ADPD2210 Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
AD604 AD-AD604 Datasheet
497Kb / 20P
   Dual, Ultralow Noise Variable Gain Amplifier
REV. 0
AD604 AD-AD604_15 Datasheet
930Kb / 33P
   Dual, Ultralow Noise Variable Gain Amplifier
Rev. G
AD604 AD-AD604_08 Datasheet
892Kb / 32P
   Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
logo
Texas Instruments
TPS79015 TI1-TPS79015_08 Datasheet
485Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
logo
Analog Devices
ADMP521 AD-ADMP521 Datasheet
263Kb / 16P
   Ultralow Noise Microphone
REV. A
logo
Texas Instruments
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com