Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HUFA76437S3S Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce HUFA76437S3S
Description  64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76437S3S Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  HUFA76437S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA76437S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA76437S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA76437S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA76437S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA76437S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA76437S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA76437S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA76437S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
BUZ1 Rev. B
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
10
100
110
100
1
500
100
µs
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
100
0.01
0.1
1
10
10
400
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
30
60
90
120
2.0
2.5
3.0
3.5
4.0
5.0
0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
4.5
30
60
90
120
0123
4
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
VGS = 5V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 4V
VGS = 3.5V
15
20
25
2
468
10
ID = 21A
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 64A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
10
ID = 42A
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
200
0.5
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 71A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
HUFA76437P3, HUFA76437S3S


Numéro de pièce similaire - HUFA76437S3S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76432S3S FAIRCHILD-HUFA76432S3S Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76439P3 FAIRCHILD-HUFA76439P3 Datasheet
294Kb / 10P
   71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76439S3S FAIRCHILD-HUFA76439S3S Datasheet
294Kb / 10P
   71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Description similaire - HUFA76437S3S

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HUF76437P3 INTERSIL-HUF76437P3 Datasheet
108Kb / 9P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA75433S3S FAIRCHILD-HUFA75433S3S Datasheet
301Kb / 11P
   N-Channel UltraFET MOSFETs 60V, 64A, 16m?
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423P3 FAIRCHILD-HUFA76423P3 Datasheet
241Kb / 10P
   33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423D3 FAIRCHILD-HUFA76423D3 Datasheet
200Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407D3 FAIRCHILD-HUFA76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com