Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STFW60N65M5 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STFW60N65M5
Description  N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW60N65M5 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STFW60N65M5 Datasheet HTML 2Page - STMicroelectronics STFW60N65M5 Datasheet HTML 3Page - STMicroelectronics STFW60N65M5 Datasheet HTML 4Page - STMicroelectronics STFW60N65M5 Datasheet HTML 5Page - STMicroelectronics STFW60N65M5 Datasheet HTML 6Page - STMicroelectronics STFW60N65M5 Datasheet HTML 7Page - STMicroelectronics STFW60N65M5 Datasheet HTML 8Page - STMicroelectronics STFW60N65M5 Datasheet HTML 9Page - STMicroelectronics STFW60N65M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STFW60N65M5, STW60N65M5
6/16
Doc ID 18222 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-3FP
Figure 3.
Thermal impedance for TO-3FP
Figure 4.
Safe operating area for TO-247
Figure 5.
Thermal impedance for TO-247
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
DS
(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM09126v1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
TO3PF
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
D
S
(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM09127v1
ID
60
40
20
0
0
4
VDS(V)
8
(A)
2
6
10
80
100
5.5V
6V
7V
7.5V
6.5V
12 14 16 18
120
140
VGS=10V
AM09128v1
ID
60
40
20
0
3
5
VGS(V)
7
(A)
4
6
8
80
100
9
120
140
VDS=20V
AM09129v1


Numéro de pièce similaire - STFW60N65M5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STFW69N65M5 STMICROELECTRONICS-STFW69N65M5 Datasheet
672Kb / 16P
   N-channel 650 V, 0.037 廓 typ., 58 A MDmesh??V Power MOSFET in TO-3PF and TO-247 packages
logo
Inchange Semiconductor ...
STFW69N65M5 ISC-STFW69N65M5 Datasheet
308Kb / 2P
   isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STFW6N120K3 STMICROELECTRONICS-STFW6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
More results

Description similaire - STFW60N65M5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
CD00222640 STMICROELECTRONICS-CD00222640 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
STW54NM65N STMICROELECTRONICS-STW54NM65N Datasheet
499Kb / 12P
   N-channel 650 V, 0.054 OHM, 50 A MDmesh II Power MOSFET
STW77N65M5 STMICROELECTRONICS-STW77N65M5 Datasheet
963Kb / 14P
   N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
STF11NM65N STMICROELECTRONICS-STF11NM65N Datasheet
1Mb / 21P
   N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET
STP16N65M5 STMICROELECTRONICS-STP16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 Ohm, 12 A MDmesh V Power MOSFET in DPAK, DPAK
STB8N65M5 STMICROELECTRONICS-STB8N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.56 廓, 7 A MDmesh??V Power MOSFET
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com