Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP5N62K3 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STP5N62K3
Description  N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5N62K3 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STP5N62K3 Datasheet HTML 4Page - STMicroelectronics STP5N62K3 Datasheet HTML 5Page - STMicroelectronics STP5N62K3 Datasheet HTML 6Page - STMicroelectronics STP5N62K3 Datasheet HTML 7Page - STMicroelectronics STP5N62K3 Datasheet HTML 8Page - STMicroelectronics STP5N62K3 Datasheet HTML 9Page - STMicroelectronics STP5N62K3 Datasheet HTML 10Page - STMicroelectronics STP5N62K3 Datasheet HTML 11Page - STMicroelectronics STP5N62K3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
STB/D/F/P/U5N62K3
8/19
Doc ID 17361 Rev 2
Figure 14.
Normalized gate threshold voltage
vs temperature
Figure 15.
Normalized on resistance vs
temperature
Figure 16.
Source-drain diode forward
characteristics
Figure 17.
Normalized BVDSS vs temperature
Figure 18.
Maximum avalanche energy vs
starting Tj
VGS(th)
1.00
0.90
0.80
0.70
-75
TJ(°C)
(norm)
-25
1.10
75
25
125
AM08249v1
RDS(on)
2.0
1.5
1.0
0.5
-75
TJ(°C)
(norm)
-25
75
25
125
2.5
0
AM08250v1
VSD
0
0.4
ISD(A)
(V)
0.2
1.0
0.6 0.8
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TJ=25°C
TJ=150°C
TJ=-50°C
1.2 1.4 1.6 1.8
AM08597v1
BVDSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.90
0.95
1.00
1.05
1.10
AM08596v1
EAS
0
40
TJ(°C)
(mJ)
20
100
60
80
0
10
20
30
40
120 140
50
60
70
80
90
100
110
ID=4.2 A
VDD=50 V
120
130
AM08598v1


Numéro de pièce similaire - STP5N62K3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP5N60 STMICROELECTRONICS-STP5N60 Datasheet
337Kb / 7P
   N-Channel enhancement mode power mos transistor
logo
VBsemi Electronics Co.,...
STP5N60 VBSEMI-STP5N60 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
logo
STMicroelectronics
STP5N60FI STMICROELECTRONICS-STP5N60FI Datasheet
337Kb / 7P
   N-Channel enhancement mode power mos transistor
STP5N60M2 STMICROELECTRONICS-STP5N60M2 Datasheet
1Mb / 22P
   Extremely low gate charge
June 2016 Rev 4
More results

Description similaire - STP5N62K3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
   N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
STB4N62K3 STMICROELECTRONICS-STB4N62K3 Datasheet
1Mb / 18P
   N-channel 620 V, 1.7 廓, 3.8 A SuperMESH3 Power MOSFET
STF4N62K3 STMICROELECTRONICS-STF4N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.7 廓 typ., 3.8 A SuperMESH3 Power MOSFET
STB11N52K3 STMICROELECTRONICS-STB11N52K3 Datasheet
1Mb / 20P
   N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
STF10N62K3 STMICROELECTRONICS-STF10N62K3 Datasheet
954Kb / 17P
   N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
   N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STP5N52K3 STMICROELECTRONICS-STP5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STFILED625 STMICROELECTRONICS-STFILED625 Datasheet
1Mb / 15P
   N-channel 620 V, 1.28 廓 typ., 5.0 A Power MOSFET in I2PAKFP and TO-220 packages
March 2013 Rev 1
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com