Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2596S-12 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM2596S-12
Description  SIMPLE SWITCHER Power Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596S-12 Fiches technique(HTML) 5 Page - Texas Instruments

  LM2596S-12 Datasheet HTML 1Page - Texas Instruments LM2596S-12 Datasheet HTML 2Page - Texas Instruments LM2596S-12 Datasheet HTML 3Page - Texas Instruments LM2596S-12 Datasheet HTML 4Page - Texas Instruments LM2596S-12 Datasheet HTML 5Page - Texas Instruments LM2596S-12 Datasheet HTML 6Page - Texas Instruments LM2596S-12 Datasheet HTML 7Page - Texas Instruments LM2596S-12 Datasheet HTML 8Page - Texas Instruments LM2596S-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LM2596-ADJ
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range
Symbol
Parameter
Conditions
LM2596-ADJ
Units
(Limits)
Typ
(Note 3)
Limit
(Note 4)
SYSTEM PARAMETERS (Note 5) Test Circuit
Figure 1
V
FB
Feedback Voltage
4.5V
≤ V
IN ≤ 40V, 0.2A ≤ ILOAD ≤ 3A
1.230
V
V
OUT programmed for 3V. Circuit of Figure 1
1.193/1.180
V(min)
1.267/1.280
V(max)
η
Efficiency
V
IN = 12V, VOUT = 3V, ILOAD =3A
73
%
All Output Voltage Versions
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the 12V ver-
sion. I
LOAD = 500 mA
Symbol
Parameter
Conditions
LM2596-XX
Units
(Limits)
Typ
(Note 3)
Limit
(Note 4)
DEVICE PARAMETERS
I
b
Feedback Bias Current
Adjustable Version Only, V
FB = 1.3V
10
nA
50/100
nA (max)
f
O
Oscillator Frequency
(Note 6)
150
kHz
127/110
kHz(min)
173/173
kHz(max)
V
SAT
Saturation Voltage
I
OUT = 3A (Notes 7, 8)
1.16
V
1.4/1.5
V(max)
DC
Max Duty Cycle (ON)
(Note 8)
100
%
Min Duty Cycle (OFF)
(Note 9)
0
I
CL
Current Limit
Peak Current (Notes 7, 8)
4.5
A
3.6/3.4
A(min)
6.9/7.5
A(max)
I
L
Output Leakage Current
Output = 0V (Notes 7, 9)
50
µA(max)
Output = −1V (Note 10)
2
mA
30
mA(max)
I
Q
Quiescent Current
(Note 9)
5
mA
10
mA(max)
I
STBY
Standby Quiescent Current
ON/OFF pin = 5V (OFF)
(Note 10)
80
µA
200/250
µA(max)
θ
JC
Thermal Resistance
TO-220 or TO-263 Package, Junction to Case
2
˚C/W
θ
JA
TO-220 Package, Junction to Ambient (Note 11)
50
˚C/W
θ
JA
TO-263 Package, Junction to Ambient (Note 12)
50
˚C/W
θ
JA
TO-263 Package, Junction to Ambient (Note 13)
30
˚C/W
θ
JA
TO-263 Package, Junction to Ambient (Note 14)
20
˚C/W
ON/OFF CONTROL Test Circuit
Figure 1
ON /OFF Pin Logic Input
1.3
V
V
IH
Threshold Voltage
Low (Regulator ON)
0.6
V(max)
V
IL
High (Regulator OFF)
2.0
V(min)
www.national.com
4


Numéro de pièce similaire - LM2596S-12

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2596S-12 NSC-LM2596S-12 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-12 TI1-LM2596S-12 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2596S-12 UMW-LM2596S-12 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-12/NOPB TI1-LM2596S-12/NOPB Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results

Description similaire - LM2596S-12

FabricantNo de pièceFiches techniqueDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
   SIMPLE SWITCHER POWER CONVERTER
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com