Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2596-ADJ Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce LM2596-ADJ
Description  SIMPLE SWITCHER Power Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596-ADJ Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM2596-ADJ Datasheet HTML 3Page - Texas Instruments LM2596-ADJ Datasheet HTML 4Page - Texas Instruments LM2596-ADJ Datasheet HTML 5Page - Texas Instruments LM2596-ADJ Datasheet HTML 6Page - Texas Instruments LM2596-ADJ Datasheet HTML 7Page - Texas Instruments LM2596-ADJ Datasheet HTML 8Page - Texas Instruments LM2596-ADJ Datasheet HTML 9Page - Texas Instruments LM2596-ADJ Datasheet HTML 10Page - Texas Instruments LM2596-ADJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Typical Performance Characteristics (Circuit of Figure 1) (Continued)
Switch Saturation
Voltage
Switch Current Limit
Dropout Voltage
01258307
01258308
01258309
Operating
Quiescent Current
Shutdown
Quiescent Current
Minimum Operating
Supply Voltage
01258310
01258311
01258312
ON /OFF Threshold
Voltage
ON /OFF Pin
Current (Sinking)
Switching Frequency
01258313
01258314
01258315
www.national.com
6


Numéro de pièce similaire - LM2596-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
LM2596-12E5 CYSTEKEC-LM2596-12E5 Datasheet
780Kb / 12P
   150kHz, 3A PWM Buck DC/DC Converter
LM2596-12F5 CYSTEKEC-LM2596-12F5 Datasheet
780Kb / 12P
   150kHz, 3A PWM Buck DC/DC Converter
LM2596-33E5 CYSTEKEC-LM2596-33E5 Datasheet
780Kb / 12P
   150kHz, 3A PWM Buck DC/DC Converter
LM2596-33F5 CYSTEKEC-LM2596-33F5 Datasheet
780Kb / 12P
   150kHz, 3A PWM Buck DC/DC Converter
LM2596-50E5 CYSTEKEC-LM2596-50E5 Datasheet
780Kb / 12P
   150kHz, 3A PWM Buck DC/DC Converter
More results

Description similaire - LM2596-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
   SIMPLE SWITCHER POWER CONVERTER
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com