Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HUFA76409P3 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce HUFA76409P3
Description  17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76409P3 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button HUFA76409P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA76409P3 Rev. B
Test Circuits and Waveforms
FIGURE 17. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 18. UNCLAMPED ENERGY WAVEFORMS
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
FIGURE 21. SWITCHING TIME TEST CIRCUIT
FIGURE 22. SWITCHING TIME WAVEFORM
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = 1V
Qg(5)
VGS = 5V
Qg(TOT)
VGS = 10V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
HUFA76409P3


Numéro de pièce similaire - HUFA76409P3

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HUFA76409D3 FAIRCHILD-HUFA76409D3 Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76409D3S FAIRCHILD-HUFA76409D3S Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Description similaire - HUFA76409P3

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HUF76409P3 FAIRCHILD-HUF76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76409P3 INTERSIL-HUF76409P3 Datasheet
105Kb / 9P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76409D3 FAIRCHILD-HUF76409D3 Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76409D3 INTERSIL-HUF76409D3 Datasheet
335Kb / 9P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
RFD12N06RLE FAIRCHILD-RFD12N06RLE Datasheet
215Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76409D3 FAIRCHILD-HUFA76409D3 Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76445P3 FAIRCHILD-HUF76445P3 Datasheet
209Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com