Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB1AF-T-M-12V Fiches technique(PDF) 7 Page - Panasonic Semiconductor

No de pièce CB1AF-T-M-12V
Description  MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CB1AF-T-M-12V Fiches technique(HTML) 7 Page - Panasonic Semiconductor

  CB1AF-T-M-12V Datasheet HTML 1Page - Panasonic Semiconductor CB1AF-T-M-12V Datasheet HTML 2Page - Panasonic Semiconductor CB1AF-T-M-12V Datasheet HTML 3Page - Panasonic Semiconductor CB1AF-T-M-12V Datasheet HTML 4Page - Panasonic Semiconductor CB1AF-T-M-12V Datasheet HTML 5Page - Panasonic Semiconductor CB1AF-T-M-12V Datasheet HTML 6Page - Panasonic Semiconductor CB1AF-T-M-12V Datasheet HTML 7Page - Panasonic Semiconductor CB1AF-T-M-12V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CB
ASCTB220E 201208-T
3. Bracket type
External dimensions
16.0
6.0
25.0
16.0
4.0
±0.1
1.7
5.4
±0.1 dia.
22.0
11.0
5
×6.3
26.0
4.0
8
17.9
0.8
8.4
2.6
8.4
16.8
.315
.705
.031
.331
.102
.331
.661
.630
.236
.984
.630
.067
.866
.433
5
×.248
1.024
.157
.157
±.004
.213
±.004
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
86
30
85
87
86
30
85
87
87a
1 Form A
1 Form C
Including resistor type also available
Including resistor type also available
CAD Data
4. High contact capacity type (1 Form A) (Plug-in type)
External dimensions
2
×6.3±0.08
2
×.248±.003
4
×1.7 dia. hole
4
×.067 dia. hole
2
×9.5±0.08
2
×.374±.003
87
30
85
86
16.8
8.4
2.6
0.8
1.2
8.4
17.9
22.0
26.5
11.0
15.0
25.5
4.0
5.8
.661
.331
.102
.031
.047
.705
.866
1.043
.433
.591
1.004
.157
.228
.331
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
86
30
85
87
Including resistor type also available
CAD Data


Numéro de pièce similaire - CB1AF-T-M-12V

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
CB1AF-T-M-12V PANASONIC-CB1AF-T-M-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
More results

Description similaire - CB1AF-T-M-12V

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
   Power Mini ISO Automotive Relay
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com