Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HUFA75652G3 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce HUFA75652G3
Description  75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75652G3 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  HUFA75652G3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75652G3 Rev. B
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
Typical Performance Curves (Continued)
0.9
1.0
1.1
1.2
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
160
160
100
1000
10000
20000
0.1
1.0
10
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
50
100
150
200
250
VDD = 50V
Qg, GATE CHARGE (nC)
ID = 75A
ID = 35A
WAVEFORMS IN
DESCENDING ORDER:
HUFA75652G3


Numéro de pièce similaire - HUFA75652G3

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
HUFA75652G3 ISC-HUFA75652G3 Datasheet
373Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - HUFA75652G3

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HUF75652G3 INTERSIL-HUF75652G3 Datasheet
344Kb / 9P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75344G3 INTERSIL-HUF75344G3 Datasheet
135Kb / 9P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3_04 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3 Datasheet
314Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
336Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
RFG75N05E INTERSIL-RFG75N05E Datasheet
53Kb / 6P
   75A, 50V, 0.008 Ohm, N-Channel Power MOSFET
HUF75645P3 INTERSIL-HUF75645P3 Datasheet
330Kb / 9P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75645P3 FAIRCHILD-HUF75645P3 Datasheet
204Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com