Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33063MNTXG Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce MC33063MNTXG
Description  1.5 A, Step-Up/Down/ Inverting Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063MNTXG Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button MC33063MNTXG Datasheet HTML 4Page - ON Semiconductor MC33063MNTXG Datasheet HTML 5Page - ON Semiconductor MC33063MNTXG Datasheet HTML 6Page - ON Semiconductor MC33063MNTXG Datasheet HTML 7Page - ON Semiconductor MC33063MNTXG Datasheet HTML 8Page - ON Semiconductor MC33063MNTXG Datasheet HTML 9Page - ON Semiconductor MC33063MNTXG Datasheet HTML 10Page - ON Semiconductor MC33063MNTXG Datasheet HTML 11Page - ON Semiconductor MC33063MNTXG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MC34063A, MC33063A, SC34063A, SC33063A, NCV33063A
http://onsemi.com
8
1.25 V
Ref
Reg
Vout
-12 V/100 mA
Vout
1.0
mH
+
100
Optional Filter
8
7
Rsc
0.24
6
Vin
4.5 V to 6.0 V
100
+
5
R2
8.2 k
SQ
R
Q2
Q1
Ipk
OSC
CT
Comp.
R1
953
1
2
3
4
+
1500
pF
+
-
1N5819
1000
mf
+
88
mH
VCC
CO
L
Test
Conditions
Results
Line Regulation
Vin = 4.5 V to 6.0 V, IO = 100 mA
3.0 mV = ±0.012%
Load Regulation
Vin = 5.0 V, IO = 10 mA to 100 mA
0.022 V = ±0.09%
Output Ripple
Vin = 5.0 V, IO = 100 mA
500 mVpp
Short Circuit Current
Vin = 5.0 V, RL = 0.1 W
910 mA
Efficiency
Vin = 5.0 V, IO = 100 mA
62.2%
Output Ripple With Optional Filter
Vin = 5.0 V, IO = 100 mA
70 mVpp
Figure 13. Voltage Inverting Converter
13a. External NPN Switch
13b. External PNP Saturated Switch
8
7
6
Vin
1
2
Vout
8
7
6
Vin
1
2
Vout
Figure 14. External Current Boost Connections for IC Peak Greater than 1.5 A
3
4
+
3
4
+


Numéro de pièce similaire - MC33063MNTXG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33063MNTXG ONSEMI-MC33063MNTXG Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063MNTXG ONSEMI-MC33063MNTXG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063MNTXG ONSEMI-MC33063MNTXG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC33063MNTXG ONSEMI-MC33063MNTXG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results

Description similaire - MC33063MNTXG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com