Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HUFA75337S3S Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce HUFA75337S3S
Description  75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75337S3S Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  HUFA75337S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75337S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75337S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75337S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75337S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75337S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75337S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75337S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75337S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75337G3, HUFA75337P3, HUFA75337S3S Rev. B
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 12)
-
1775
-
pF
Output Capacitance
COSS
-
625
-
pF
Reverse Transfer Capacitance
CRSS
-
150
-
pF
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 75A
-
-
1.25
V
Reverse Recovery Time
trr
ISD = 75A, dISD/dt = 100A/µs-
-
85
ns
Reverse Recovered Charge
QRR
ISD = 75A, dISD/dt = 100A/µs
-
-
180
nC
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
175
TC, CASE TEMPERATURE (
oC)
20
40
60
80
50
75
100
125
150
175
0
25
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
10-4
10-3
10-2
10-1
100
101
10-5
0.1
1
2
0.01
HUFA75337G3, HUFA75337P3, HUFA75337S3S


Numéro de pièce similaire - HUFA75337S3S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332P3 FAIRCHILD-HUFA75332P3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332S3S FAIRCHILD-HUFA75332S3S Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75333G3 FAIRCHILD-HUFA75333G3 Datasheet
234Kb / 10P
   66A, 55V, 0.016 Ohm. N-Channel UltraFET Power MOSFETs
HUFA75333P3 FAIRCHILD-HUFA75333P3 Datasheet
234Kb / 10P
   66A, 55V, 0.016 Ohm. N-Channel UltraFET Power MOSFETs
More results

Description similaire - HUFA75337S3S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75337G3 INTERSIL-HUF75337G3 Datasheet
106Kb / 9P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75542P3 FAIRCHILD-HUF75542P3 Datasheet
192Kb / 9P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75645P3 FAIRCHILD-HUF75645P3 Datasheet
204Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75645P3 INTERSIL-HUF75645P3 Datasheet
330Kb / 9P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75645P3 FAIRCHILD-HUFA75645P3 Datasheet
236Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75542P3 INTERSIL-HUF75542P3 Datasheet
166Kb / 11P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75542P3 FAIRCHILD-HUFA75542P3 Datasheet
202Kb / 10P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com