Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FH19SC-24S-0.5SH05 Fiches technique(PDF) 1 Page - Hirose Electric

No de pièce FH19SC-24S-0.5SH05
Description  0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH19SC-24S-0.5SH05 Fiches technique(HTML) 1 Page - Hirose Electric

  FH19SC-24S-0.5SH05 Datasheet HTML 1Page - Hirose Electric FH19SC-24S-0.5SH05 Datasheet HTML 2Page - Hirose Electric FH19SC-24S-0.5SH05 Datasheet HTML 3Page - Hirose Electric FH19SC-24S-0.5SH05 Datasheet HTML 4Page - Hirose Electric FH19SC-24S-0.5SH05 Datasheet HTML 5Page - Hirose Electric FH19SC-24S-0.5SH05 Datasheet HTML 6Page - Hirose Electric FH19SC-24S-0.5SH05 Datasheet HTML 7Page - Hirose Electric FH19SC-24S-0.5SH05 Datasheet HTML 8Page - Hirose Electric FH19SC-24S-0.5SH05 Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1. Low-profile 0.5mm pitch FPC/FFC Connectors
Miniaturization of portable equipment and personal mobile
devices has created increased demand for a low profile,
high density, and high reliability connectors.
*The design of this connector has been made thinner and
smaller, with a height of 0.9mm and width of 3mm.
*PCB footprint: Reduced approximately 48% (as compared with
Hirose Electric's 0.5mm pitch FH12 Series connectors)
*Connector weight: Reduced approximately 78% (as compared
with Hirose Electric's 0.5mm pitch FH12 Series connectors)
2. Conductive traces on the PCB can run under
the connector
All bottom surface of the connector is solid, without any
exposure of the contact.
3. Proven Flip-Lock Actuator System assures
easy and reliable operation
Rotating actuator permits easy insertion and reliable
connection with the FPC & FFC.
Tactile sensation confirms complete mechanical locking of
the actuator and the electrical connection.
4. Accepts 0.2mm & 0.3mm thick FPC/FFC
No exposed contacts on the bottom of the connector.
The connector will also terminate with 0.2mm thick Flat
Flexible Cable (FFC).
5. Board placement with automatic equipment
Flat upper surface and tape and reel packaging facilitate
vacuum pick-up and placement. Standard reel packaging
contains 5000 connectors.
6. Halogen-free * (FH19C,FH19SC(11 to 50pos.))
*As defined by IEC61249-2-21
Br-900ppm maximum, Cl-900ppm maximum,
1
0.5mm pitch, 0.9mm above the board,
Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19C & FH19SC Series
2010.9
0.9mm
17mm
q Can be mounted over conductive traces
q 0.9mm high
q Metal Fittings (Leadless Type)
No protrusions on the sides
allows close side-by-side
board placement.
Metal fittings
(Leadless)
Enclosed construction
(No exposed contacts)
Actuator color: Brown
Actuator color: Black
FH19SC – FPC/FFC thickness: 0.3±0.03mm
q Actuator Temporary Hold Mechanism
Actuator stays open during insertion of the FPC/FFC.
sFeatures
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Numéro de pièce similaire - FH19SC-24S-0.5SH05

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
FH19SC-24S-0.5SH HIROSE-FH19SC-24S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
More results

Description similaire - FH19SC-24S-0.5SH05

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com