Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FW82810ESL3MD Fiches technique(PDF) 10 Page - Intel Corporation

No de pièce FW82810ESL3MD
Description  Intel짰 810/810E Chipsets: GMCH Electrical and Thermal Specifications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

FW82810ESL3MD Fiches technique(HTML) 10 Page - Intel Corporation

Back Button FW82810ESL3MD Datasheet HTML 6Page - Intel Corporation FW82810ESL3MD Datasheet HTML 7Page - Intel Corporation FW82810ESL3MD Datasheet HTML 8Page - Intel Corporation FW82810ESL3MD Datasheet HTML 9Page - Intel Corporation FW82810ESL3MD Datasheet HTML 10Page - Intel Corporation FW82810ESL3MD Datasheet HTML 11Page - Intel Corporation FW82810ESL3MD Datasheet HTML 12Page - Intel Corporation FW82810ESL3MD Datasheet HTML 13Page - Intel Corporation FW82810ESL3MD Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Intel
® 810/810E Chipsets: GMCH Electrical and Thermal Characteristics
R
10
Datasheet Addendum
2.5.
DC Characteristics
Table 3. DC Characteristics
Functional Operating Range (VCC_1.8 = 1.8V ±
± 5%, V
CC_3.3 / V SUS_3.3 = 3.3V ±
± 5%; TCASE = 0oC to +105oC)
Symbol
Signal
Group
Parameter
Min
Max
Unit
Notes
GTL+ I/O DC Characteristics
VIL_GTL
(a,b)
GTL+ Input Low Voltage
-0.3
GTLREF –0.2
V
VIH_GTL
(a,b)
GTL+ Input High Voltage
GTLREF +0.2
1.835
V
VOL_GTL
(a,c)
GTL+ Output Low Voltage
0.6
V
IOL_GTL
(a,c)
GTL+ Output Low Current
36
48
mA
GTL_REF
(d)
GTL+ Reference Voltage
2/3(1.5V)-2%
2/3(1.5V)+2%
V
ILEAK_GTL
(a,b)
Leakage Current
±10
µA
3.3V CMOS I/O Signal DC Characteristics
VIL_3.3
(f,g)
CMOS Input Low Voltage
-0.3
0.8
V
VIH_3.3
(f,g)
CMOS Input High Voltage
2.0
VCC_3.3 +0.3
V
VOL_3.3
(f,h)
CMOS Output Low Voltage
0.4
V
VOH_3.3
(f,h)
CMOS Output High Voltage
2.4
V
IOL_3.3
(f,h)
CMOS Output Low Current
3
mA
IOH_3.3
(f,h)
CMOS Output High Current
-2.0
mA
ILEAK_3.3
(f,g)
Leakage Current
±100
µA
1.8V CMOS I/O DC Characteristics
VIL_1.8
(j,k)
CMOS Input Low Voltage
-0.3
0.4(Vcc1.8max)
V
VIH_1.8
(j,k)
CMOS Input High Voltage
0.6(Vcc1.8min)
0.3 +
(Vcc1.8max)
V
VOL_1.8
(j,l)
CMOS Output Low Voltage
0.1(Vcc1.8max)
V
VOH_1.8
(j,l)
CMOS Output High Voltage
0.9(Vcc1.8min)
V
IOL_1.8
(j,l)
CMOS Output Low Current
1.0
mA
IOH_1.8
(j,l)
CMOS Output High Current
-1.0
mA
ILEAK_1.8
(j,k)
Leakage Current
±10
µA


Numéro de pièce similaire - FW82810ESL3MD

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
FW82801BASL5PN INTEL-FW82801BASL5PN Datasheet
7Mb / 671P
   Intel짰 82801EB I/O Controller Hub 5 (ICH5) / Intel짰 82801ER I/O Controller Hub 5 R (ICH5R)
FW82801DB INTEL-FW82801DB Datasheet
312Kb / 2P
   Intel 845E Chipset for Applied Computing
FW82801DBM-SL6DN INTEL-FW82801DBM-SL6DN Datasheet
3Mb / 615P
   Intel짰 82801DBM I/O Controller Hub 4 Mobile (ICH4-M)
FW82801E INTEL-FW82801E Datasheet
1Mb / 84P
   Intel 82801E Communications I/O Controller Hub (C-ICH)
FW82801EB-SL73Z INTEL-FW82801EB-SL73Z Datasheet
7Mb / 671P
   Intel짰 82801EB I/O Controller Hub 5 (ICH5) / Intel짰 82801ER I/O Controller Hub 5 R (ICH5R)
More results

Description similaire - FW82810ESL3MD

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
290676-002 INTEL-290676-002 Datasheet
969Kb / 119P
   Intel 810E Chipset: 82810E Graphics and Memory Controller Hub (GMCH)
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
   Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
Cypress Semiconductor
CY28349B CYPRESS-CY28349B_05 Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Intel Corporation
QG82945G INTEL-QG82945G Datasheet
215Kb / 2P
   Intel짰 945G Express and Intel짰 945GC Express Chipsets for Embedded Computing
logo
Cypress Semiconductor
CY28323 CYPRESS-CY28323 Datasheet
180Kb / 22P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349B SPECTRALINEAR-CY28349B Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28324 CYPRESS-CY28324_02 Datasheet
191Kb / 23P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349 SPECTRALINEAR-CY28349 Datasheet
233Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
New Jersey Semi-Conduct...
1N2154-60 NJSEMI-1N2154-60 Datasheet
50Kb / 1P
   electrical ratings and specifications
1N2154 NJSEMI-1N2154 Datasheet
108Kb / 1P
   electrical ratings and specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com