Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HUFA75307D3S Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce HUFA75307D3S
Description  15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75307D3S Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  HUFA75307D3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75307P3, HUFA75307D3, HUFA75307D3S Rev. B
FIGURE 4. PEAK CURRENT CAPABILITY
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
Typical Performance Curves (Continued)
100
101
100
10-1
10-2
10-3
10-4
10-5
10
200
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
1
10
100
10
100
0.1
1200
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
100
µs
10ms
1ms
VDSS(MAX) = 55V
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10
100
0.01
0.1
1
10
0.001
1
200
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
5
10
15
20
25
1234
5
0
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 6V
PULSE DURATION = 80
µs
TC = 25
oC
VGS = 5V
VGS = 7V
VGS = 10V
VGS = 20V
DUTY CYCLE = 0.5% MAX
5
10
15
20
25
1.5
3.0
4.5
6.0
7.5
0
0
VGS, GATE TO SOURCE VOLTAGE (V)
175oC
-55oC
25oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
HUFA75307P3, HUFA75307D3, HUFA75307D3S


Numéro de pièce similaire - HUFA75307D3S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
More results

Description similaire - HUFA75307D3S

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HUF75307P3 INTERSIL-HUF75307P3 Datasheet
204Kb / 18P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75307P3 FAIRCHILD-HUF75307P3 Datasheet
219Kb / 10P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
HUF75307T3ST FAIRCHILD-HUF75307T3ST Datasheet
175Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75307T3ST INTERSIL-HUF75307T3ST Datasheet
325Kb / 8P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
HUF75617D3 FAIRCHILD-HUF75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75617D3 FAIRCHILD-HUFA75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75617D3ST FAIRCHILD-HUF75617D3ST Datasheet
203Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com