Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8630ARUZ-REEL Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8630ARUZ-REEL
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8630ARUZ-REEL Fiches technique(HTML) 5 Page - Analog Devices

  AD8630ARUZ-REEL Datasheet HTML 1Page - Analog Devices AD8630ARUZ-REEL Datasheet HTML 2Page - Analog Devices AD8630ARUZ-REEL Datasheet HTML 3Page - Analog Devices AD8630ARUZ-REEL Datasheet HTML 4Page - Analog Devices AD8630ARUZ-REEL Datasheet HTML 5Page - Analog Devices AD8630ARUZ-REEL Datasheet HTML 6Page - Analog Devices AD8630ARUZ-REEL Datasheet HTML 7Page - Analog Devices AD8630ARUZ-REEL Datasheet HTML 8Page - Analog Devices AD8630ARUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8628/AD8629/AD8630
Rev. I | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND – 0.3 V to VS + 0.3 V
Differential Input Voltage1
±5.0 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
ESD AD8628
HBM 8-Lead SOIC
±7000V
FICDM 8-Lead SOIC
±1500V
FICDM 5-Lead TSOT
±1000V
MM 8-Lead SOIC
±200V
ESD AD8629
HBM 8-Lead SOIC
±4000V
FICDM 8-Lead SOIC
±1000V
ESD AD8630
HBM 14-Lead SOIC
±5000V
FICDM 14-Lead SOIC
±1500V
FICDM 14-Lead TSSOP
±1500V
MM 14-Lead SOIC
±200V
1 Differential input voltage is limited to ±5 V or the supply voltage, whichever
is less.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is specified for worst-case conditions, that is, θJA is specified
for the device soldered in a circuit board for surface-mount
packages. This was measured using a standard two-layer board.
Table 4.
Package Type
θJA
θJC
Unit
5-Lead TSOT (UJ-5)
207
61
°C/W
5-Lead SOT-23 (RJ-5)
230
146
°C/W
8-Lead SOIC_N (R-8)
158
43
°C/W
8-Lead MSOP (RM-8)
190
44
°C/W
14-Lead SOIC_N (R-14)
105
43
°C/W
14-Lead TSSOP (RU-14)
148
23
°C/W
ESD CAUTION


Numéro de pièce similaire - AD8630ARUZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8630ARUZ-REEL AD-AD8630ARUZ-REEL Datasheet
410Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. E
AD8630ARUZ-REEL AD-AD8630ARUZ-REEL Datasheet
432Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8630ARUZ-REEL AD-AD8630ARUZ-REEL Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
More results

Description similaire - AD8630ARUZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8629 AD-AD8629 Datasheet
476Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
REV. C
AD8628 AD-AD8628_05 Datasheet
410Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. E
AD8629S AD-AD8629S Datasheet
138Kb / 8P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
Rev. C
AD8628 AD-AD8628_08 Datasheet
432Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8629-EP AD-AD8629-EP Datasheet
252Kb / 8P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. A
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com