Moteur de recherche de fiches techniques de composants électroniques |
|
AD7641 Fiches technique(PDF) 8 Page - Analog Devices |
|
AD7641 Fiches technique(HTML) 8 Page - Analog Devices |
8 / 24 page AD8475 Rev. B | Page 8 of 24 TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, VS = 5 V, gain = 0.4, RLOAD = 1 kΩ, RTO, unless otherwise specified. 1000 –1000 –800 –600 –400 –200 0 200 400 600 800 –40 120 100 80 60 40 20 0 –20 TEMPERATURE (°C) G = 0.4 REPRESENTATIVE SAMPLES G = 0.8 Figure 5. System Offset vs. Temperature 5 –5 –4 –3 –2 –1 0 1 2 3 4 –40 120 100 80 60 40 20 0 –20 TEMPERATURE (°C) REPRESENTATIVE SAMPLES Figure 6. CMRR vs. Temperature (G = 0.8) 65 30 35 40 45 50 55 60 –40 120 RISE FALL 100 80 60 40 20 0 –20 TEMPERATURE (°C) Figure 7. Slew Rate vs. Temperature 10 –8 –6 –4 –2 0 2 4 6 8 –5.5 –4.5 –3.5 –2.5 –1.5 –0.5 0.5 1.5 2.5 3.5 4.5 5.5 OUTPUT VOLTAGE (V) 0V, +7.75V –4.97V, +7.75V +4.95V, +7.75V 0V, +3.25V –2.97V, +3.25V –2.97V, –3.75V +2.95V, +3.25V VS = +3V, VOCM = +1.5V –4.97V, –6.25V 0V, –6.25V 0V, –3.75V +2.95V, –3.75V +4.95V, –6.25V VS = +5V, VOCM = +2.5V Figure 8. Input Common-Mode Voltage vs. Output Voltage, VS = +5 V and +3 V 150 –150 –100 –50 0 50 100 –40 120 100 80 60 40 20 0 –20 TEMPERATURE (°C) VIN = ±5V REPRESENTATIVE SAMPLES Figure 9. Gain Error vs. Temperature, VS = ±5 V 130 80 85 90 95 100 105 110 115 120 125 –40 120 100 80 60 40 20 0 –20 TEMPERATURE (°C) Figure 10. Short-Circuit Current vs. Temperature |
Numéro de pièce similaire - AD7641 |
|
Description similaire - AD7641 |