Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5781BRUZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD5781BRUZ
Description  True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5781BRUZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD5781BRUZ Datasheet HTML 3Page - Analog Devices AD5781BRUZ Datasheet HTML 4Page - Analog Devices AD5781BRUZ Datasheet HTML 5Page - Analog Devices AD5781BRUZ Datasheet HTML 6Page - Analog Devices AD5781BRUZ Datasheet HTML 7Page - Analog Devices AD5781BRUZ Datasheet HTML 8Page - Analog Devices AD5781BRUZ Datasheet HTML 9Page - Analog Devices AD5781BRUZ Datasheet HTML 10Page - Analog Devices AD5781BRUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD5781
Rev. D | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
100 mA do not cause SCR latch-up.
Table 5.
Parameter
Rating
VDD to AGND
−0.3 V to +34 V
VSS to AGND
−34 V to +0.3 V
VDD to VSS
−0.3 V to +34 V
VCC to DGND
−0.3 V to +7 V
IOVCC to DGND
−0.3 V to VCC + 3 V or +7 V
(whichever is less)
Digital Inputs to DGND
−0.3 V to IOVCC + 0.3 V or
+7 V (whichever is less)
VOUT to AGND
−0.3 V to VDD + 0.3 V
VREFPF to AGND
−0.3 V to VDD + 0.3 V
VREFPS to AGND
−0.3 V to VDD + 0.3 V
VREFNF to AGND
VSS − 0.3 V to +0.3 V
VREFNS to AGND
VSS − 0.3 V to +0.3 V
DGND to AGND
−0.3 V to +0.3 V
Operating Temperature Range, TA
Industrial
−40°C to + 125°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature,
TJ max
150°C
Power Dissipation
(TJ max − TA)/θJA
TSSOP Package
θJA Thermal Impedance
143°C/W
θJC Thermal Impedance
45°C/W
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
ESD (Human Body Model)
1.5 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance integrated circuit with an
ESD rating of 1.5 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
ESD CAUTION


Numéro de pièce similaire - AD5781BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5781BRUZ AD-AD5781BRUZ Datasheet
886Kb / 27P
   True 18-Bit, Voltage Output DAC
AD5781BRUZ-REEL7 AD-AD5781BRUZ-REEL7 Datasheet
886Kb / 27P
   True 18-Bit, Voltage Output DAC
More results

Description similaire - AD5781BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5760 AD-AD5760 Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
   1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
AD5791 AD-AD5791_13 Datasheet
900Kb / 28P
   1 ppm 20-Bit, 1 LSB INL, Voltage Output DAC
REV. D
AD5780 AD-AD5780 Datasheet
599Kb / 28P
   System Ready, 18-Bit 짹1 LSB INL
REV. C
AD7693BRMZ AD-AD7693BRMZ Datasheet
624Kb / 24P
   16-Bit, 짹0.5 LSB, 500 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. A
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
AD7690 AD-AD7690_15 Datasheet
587Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR
REV. C
AD7691 AD-AD7691_15 Datasheet
693Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. D
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com