Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX384-B4V3 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BZX384-B4V3
Description  Voltage regulator diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX384-B4V3 Fiches technique(HTML) 4 Page - NXP Semiconductors

  BZX384-B4V3 Datasheet HTML 1Page - NXP Semiconductors BZX384-B4V3 Datasheet HTML 2Page - NXP Semiconductors BZX384-B4V3 Datasheet HTML 3Page - NXP Semiconductors BZX384-B4V3 Datasheet HTML 4Page - NXP Semiconductors BZX384-B4V3 Datasheet HTML 5Page - NXP Semiconductors BZX384-B4V3 Datasheet HTML 6Page - NXP Semiconductors BZX384-B4V3 Datasheet HTML 7Page - NXP Semiconductors BZX384-B4V3 Datasheet HTML 8Page - NXP Semiconductors BZX384-B4V3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2004 Mar 22
4
NXP Semiconductors
Product data sheet
Voltage regulator diodes
BZX384 series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Refer to SOD323 standard mounting conditions.
CHARACTERISTICS
Total BZX384-B and C series
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
250
mA
IZSM
non-repetitive peak reverse current
tp = 100 μs; square wave;
Tamb = 25 °C; prior to surge
see Tables 1 and 2
A
PZSM
non-repetitive peak reverse power
dissipation
tp = 100 μs; square wave;
Tamb = 25 °C; prior to surge
40
W
Ptot
total power dissipation
Tamb = 25 °C; note 1
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 10 mA; see Fig.3
0.9
V
IF = 100 mA; see Fig.3
1.1
V
IR
reverse current;
BZX384-B/C2V4
VR = 1 V
50
μA
BZX384-B/C2V7
VR = 1 V
20
μA
BZX384-B/C3V0
VR = 1 V
10
μA
BZX384-B/C3V3
VR = 1 V
5
μA
BZX384-B/C3V6
VR = 1 V
5
μA
BZX384-B/C3V9
VR = 1 V
3
μA
BZX384-B/C4V3
VR = 1 V
3
μA
BZX384-B/C4V7
VR = 2 V
3
μA
BZX384-B/C5V1
VR = 2 V
2
μA
BZX384-B/C5V6
VR = 2 V
1
μA
BZX384-B/C6V2
VR = 4 V
3
μA
BZX384-B/C6V8
VR = 4 V
2
μA
BZX384-B/C7V5
VR = 5 V
1
μA
BZX384-B/C8V2
VR = 5 V
700
nA
BZX384-B/C9V1
VR = 6 V
500
nA
BZX384-B/C10
VR = 7 V
200
nA
BZX384-B/C11
VR = 8 V
100
nA
BZX384-B/C12
VR = 8 V
100
nA
BZX384-B/C13
VR = 8 V
100
nA
BZX384-B/C15 to 75
VR = 0.7VZnom
50
nA


Numéro de pièce similaire - BZX384-B4V3

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
BZX384-B4V3 GE-BZX384-B4V3 Datasheet
386Kb / 8P
   BZX384
logo
NXP Semiconductors
BZX384-B4V3 PHILIPS-BZX384-B4V3 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B4V3 NXP-BZX384-B4V3 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B4V3 NXP-BZX384-B4V3 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
logo
Nexperia B.V. All right...
BZX384-B4V3 NEXPERIA-BZX384-B4V3 Datasheet
320Kb / 14P
   Voltage regulator diodes
Rev. 4 - 1 January 2023
More results

Description similaire - BZX384-B4V3

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com