Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-261N-320E Fiches technique(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-261N-320E
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261N-320E Fiches technique(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261N-320E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-320E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
-60
0
TA – TEMPERATURE – C
100
10
15
-20
5
20
VCC = 5.5 V
VO = 5.5 V
VE = 2 V
VF = 0.8 V
60
-40
0
40
80
-60
0
TA – TEMPERATURE – C
100
60
80
-20
20
20
VCC = 5 V
VE = 2 V
VOL = 0.6 V
IF = 3.5 mA
60
-40
0
40
80
40
1.0
0.01
VF – FORWARD VOLTAGE – V
1.5
10.0
100.0
1.2
0.1
1.4
1.1
1.3
1.0
TA = 85 C
TA = 40 C
TA = 25 C
IF
+
VF
0
0
IF – FORWARD INPUT CURRENT – mA
2.0
4.0
5.0
1.0
2.0
0.5
1.5
3.0
1.0
RL = 4 kW
RL = 350 Ω
RL = 1 kΩ
-60
0.2
TA – TEMPERATURE – C
100
0.5
0.6
-20
0.3
20
60
-40
0
40
80
0.4
VCC = 5.5 V
VE = 2 V
IF = 3.0 mA
IO = 16 mA
IO = 12.8 mA
IO = 9.6 mA
IO = 6.4 mA
Figure 9. Test circuit for t
PHL and tPLH.
Figure 4. Typical high level output current vs.
temperature.
Figure 6. Typical diode input forward current
characteristic.
Figure 5. Low level output current vs. temper-
ature.
Figure 7. Typical output voltage vs. forward
input current.
Figure 8. Typical low level output voltage vs.
temperature.
OUTPUT V
MONITORING
NODE
O
1.5 V
tPHL
tPLH
IF
INPUT
O
V
OUTPUT
I = 3.5 mA
F
I = 1.75 mA
F
+5 V
7
5
6
8
2
3
4
1
PULSE GEN.
Z = 50 Ω
t = t = 5 ns
O
f
IF
L
R
RM
CC
V
0.1 µF
BYPASS
*CL
*C IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
L
GND
INPUT
MONITORING
NODE
r
HCPL-261A/261N
90%
90%
10%
10%
trise
tfall
VOH
VOL


Numéro de pièce similaire - HCPL-261N-320E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261N-320E AVAGO-HCPL-261N-320E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

Description similaire - HCPL-261N-320E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-063N-000E AVAGO-HCPL-063N-000E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com