Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-2601-320E Fiches technique(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-2601-320E
Description  High CMR, High Speed TTL Compatible Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2601-320E Fiches technique(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2601-320E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601-320E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601-320E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601-320E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601-320E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601-320E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601-320E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601-320E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601-320E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Ordering Information
HCPL-xxxx is UL Recognized with 3750 V
rms for 1 minute per UL1577.
HCNWxxxx is UL Rcognized with 5000 V
rms for 1 minute per UL1577.
Part
Number
Option
Package
Surface
Mount
Gull
Wing
Tape &
Reel
UL 5000 V
rms/
1 Minute
Rating
IEC/EN/DIN
EN 60747-5-5 Quantity
RoHS
Compliant
Non RoHS
Compliant
6N137
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-560E
-560
X
X
X
X
1000 per reel
HCPL-2601
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-360E
-
X
X
X
50 per tube
HCPL-2611
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-360E
#360
X
X
X
50 per tube
-560E
#560
X
X
X
X
1000 per reel
HCPL-2630
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
-520
X
X
X
X
1000 per reel
HCPL-2631
HCPL-4661
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel


Numéro de pièce similaire - HCPL-2601-320E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2601-000E AVAGO-HCPL-2601-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results

Description similaire - HCPL-2601-320E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com