Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-CB1A-XYCDD Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-CB1A-XYCDD
Description  New 5mm Blue and Green LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB1A-XYCDD Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB1A-XYCDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1A-XYCDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HLMP-Cx1A/1B/2A/2B/3A/3B
New 5mm Blue and Green LED Lamps
Data Sheet
CAUTION: INGaN devices are Class 1C HBM ESD sensitive per JEDEC Standard. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN – 1142 for additional details.
Description
These high intensity blue and green T-1¾ package LEDs
are untinted and non-diffused. Based on the most efficient
and cost effective InGaN material technology and incor-
porating second generation optics they produce well
defined spatial radiation patterns at specific viewing cone
angles.
Advanced optical grade epoxy construction offers superior
high temperature and moisture resistance performance in
outdoor signal and sign applications. The epoxy contains
UV inhibitor ro reduce the effects of long term exposure
to direct sunlight.
Features
• Well defined spatial radiation pattern
• High luminous output
• Untinted, Non-diffused
• Available in Color:
– Blue 470nm
– Green 525nm
• Viewing Angle: 15°, 23° and 30°
• Standoff or non-standoff
• Superior resistance to moisture
Applications
• Commercial outdoor advertising
• Traffic Sign
• Variable Message Sign


Numéro de pièce similaire - HLMP-CB1A-XYCDD

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB1A-XYCDD AVAGO-HLMP-CB1A-XYCDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps High luminous output
logo
Broadcom Corporation.
HLMP-CB1A-XYCDD BOARDCOM-HLMP-CB1A-XYCDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results

Description similaire - HLMP-CB1A-XYCDD

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
HLMP-CB1A-XY0DD AVAGO-HLMP-CB1A-XY0DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps High luminous output
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-PM00-N0000 AVAGO-HLMP-PM00-N0000 Datasheet
145Kb / 7P
   Subminiature Blue and Green InGaN LED Lamps
logo
A-BRIGHT Inc
AL-513B3C A-BRIGHT-AL-513B3C Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513B3C-A A-BRIGHT-AL-513B3C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513B4C-A A-BRIGHT-AL-513B4C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/25
AL-513B5C-A A-BRIGHT-AL-513B5C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com