Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8402AN10 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8402AN10
Description  1-/2-/4-Channel Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8402AN10 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8402AN10 Datasheet HTML 6Page - Analog Devices AD8402AN10 Datasheet HTML 7Page - Analog Devices AD8402AN10 Datasheet HTML 8Page - Analog Devices AD8402AN10 Datasheet HTML 9Page - Analog Devices AD8402AN10 Datasheet HTML 10Page - Analog Devices AD8402AN10 Datasheet HTML 11Page - Analog Devices AD8402AN10 Datasheet HTML 12Page - Analog Devices AD8402AN10 Datasheet HTML 13Page - Analog Devices AD8402AN10 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD8400/AD8402/AD8403
Rev. E | Page 10 of 32
ELECTRICAL CHARACTERISTICS—ALL VERSIONS
VDD = 3 V ± 10% or 5 V ± 10%, VA = VDD, VB = 0 V, −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
SWITCHING CHARACTERISTICS2, 3
Input Clock Pulse Width
tCH, tCL
Clock level high or low
10
ns
Data Setup Time
tDS
5
ns
Data Hold Time
tDH
5
ns
CLK to SDO Propagation Delay4
tPD
RL = 1 kΩ to 5 V, CL ≤ 20 pF
1
25
ns
CS Setup Time
tCSS
10
ns
CS High Pulse Width
tCSW
10
ns
Reset Pulse Width
tRS
50
ns
CLK Fall to CS Rise Hold Time
tCSH
0
ns
CS Rise to Clock Rise Setup
tCS1
10
ns
1 Typicals represent average readings at 25°C and VDD = 5 V.
2 Guaranteed by design and not subject to production test. Resistor-terminal capacitance tests are measured with 2.5 V bias on the measured terminal.
The remaining resistor terminals are left open circuit.
3 See the timing diagram in Figure 3 for location of measured values. All input control voltages are specified with tR = tF = 1 ns (10% to 90% of VDD) and
timed from a voltage level of 1.6 V. Switching characteristics are measured using VDD = 3 V or 5 V. To avoid false clocking, a minimum input logic slew rate
of 1 V/μs should be maintained.
4 Propagation delay depends on the value of VDD, RL, and CL (see the Applications section).
TIMING DIAGRAMS
DAC REGISTER LOAD
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
1
0
1
0
1
0
VDD
0V
SDI
CLK
VOUT
CS
Figure 3. Timing Diagram
±1% ERROR BAND
±1%
tCSH
tCSS
tDH
Ax OR Dx
Ax OR Dx
tPD_MIN
tPD_MAX
A'x OR D'x
A'x OR D'x
1
0
1
0
1
0
VDD
0V
SDI
(DATA IN)
CLK
CS
VOUT
1
0
SDO
(DATA OUT)
tDS
tCH
tCS1
tCL
tS
tCSW
Figure 4. Detailed Timing Diagram
±1%
±1% ERROR BAND
1
0
VDD
VDD/2
VOUT
tRS
tS
RS
Figure 5. Reset Timing Diagram


Numéro de pièce similaire - AD8402AN10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8402AN10 AD-AD8402AN10 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402AN10 AD-AD8402AN10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402AN100 AD-AD8402AN100 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
More results

Description similaire - AD8402AN10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com