Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9288BST-80 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD9288BST-80
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9288BST-80 Fiches technique(HTML) 1 Page - Analog Devices

  AD9288BST-80 Datasheet HTML 1Page - Analog Devices AD9288BST-80 Datasheet HTML 2Page - Analog Devices AD9288BST-80 Datasheet HTML 3Page - Analog Devices AD9288BST-80 Datasheet HTML 4Page - Analog Devices AD9288BST-80 Datasheet HTML 5Page - Analog Devices AD9288BST-80 Datasheet HTML 6Page - Analog Devices AD9288BST-80 Datasheet HTML 7Page - Analog Devices AD9288BST-80 Datasheet HTML 8Page - Analog Devices AD9288BST-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
8-Bit, 40/80/100 MSPS
Dual A/D Converter
AD9288
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 8-bit, 40 MSPS, 80 MSPS, and 100 MSPS ADC
Low power: 90 mW at 100 MSPS per channel
On-chip reference and track-and-hold
475 MHz analog bandwidth each channel
SNR = 47 dB @ 41 MHz
1 V p-p analog input range each channel
Single 3.0 V supply operation (2.7 V to 3.6 V)
Standby mode for single-channel operation
Twos complement or offset binary output mode
Output data alignment mode
Pin-compatible 10-bit upgrade available
APPLICATIONS
Battery-powered instruments
Hand-held scopemeters
Low cost digital oscilloscopes
I and Q communications
FUNCTIONAL BLOCK DIAGRAM
AD9288
T/H
REF
T/H
ADC
8
8
8
8
TIMING
TIMING
VDD
SELECT 1
SELECT 2
DATA FORMAT
SELECT
D7B–D0B
D7A–D0A
VDD
GND
VD
ENCA
ENCB
AINA
AINA
AINB
AINB
REFINA
REFOUT
REFINB
ADC
Figure 1.
GENERAL DESCRIPTION
The AD9288 is a dual 8-bit monolithic sampling analog-to-
digital converter with on-chip track-and-hold circuits. It is
optimized for low cost, low power, small size, and ease of use.
The product operates at a 100 MSPS conversion rate with
outstanding dynamic performance over its full operating range.
Each channel can be operated independently.
The ADC requires only a single 3.0 V (2.7 V to 3.6 V) power
supply and an Encode clock for full-performance operation. No
external reference or driver components are required for many
applications. The digital outputs are TTL/CMOS-compatible,
and a separate output power supply pin supports interfacing
with 3.3 V or 2.5 V logic.
The Encode input is TTL/CMOS-compatible, and the 8-bit
digital outputs can be operated from 3.0 V (2.5 V to 3.6 V)
supplies. User-selectable options offer a combination of standby
modes, digital data formats, and digital data timing schemes. In
standby mode, the digital outputs are driven to a high
impedance state.
Fabricated on an advanced CMOS process, the AD9288 is
available in a 48-lead surface-mount plastic package (7 mm ×
7 mm, 1.4 mm LQFP) specified over the industrial temperature
range (–40°C to +85°C). The AD9288 is pin-compatible with
the 10-bit AD9218, facilitating future system migrations.


Numéro de pièce similaire - AD9288BST-80

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9288BST-80 AD-AD9288BST-80 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9288BST-80 AD-AD9288BST-80 Datasheet
633Kb / 25P
   Dual A/D Converter
More results

Description similaire - AD9288BST-80

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com