Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5060ARJZ-1500RL7 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD5060ARJZ-1500RL7
Description  Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5060ARJZ-1500RL7 Fiches technique(HTML) 1 Page - Analog Devices

  AD5060ARJZ-1500RL7 Datasheet HTML 1Page - Analog Devices AD5060ARJZ-1500RL7 Datasheet HTML 2Page - Analog Devices AD5060ARJZ-1500RL7 Datasheet HTML 3Page - Analog Devices AD5060ARJZ-1500RL7 Datasheet HTML 4Page - Analog Devices AD5060ARJZ-1500RL7 Datasheet HTML 5Page - Analog Devices AD5060ARJZ-1500RL7 Datasheet HTML 6Page - Analog Devices AD5060ARJZ-1500RL7 Datasheet HTML 7Page - Analog Devices AD5060ARJZ-1500RL7 Datasheet HTML 8Page - Analog Devices AD5060ARJZ-1500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Fully Accurate 14-/16-Bit VOUT nanoDAC
SPI Interface 2.7 V to 5.5 V, in an SOT-23
AD5040/AD5060
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005-2010 Analog Devices, Inc. All rights reserved.
FEATURES
Single 14-/16-bit DAC, 1 LSB INL
Power-on reset to midscale or zero scale
Guaranteed monotonic by design
3 power-down functions
Low power serial interface with Schmitt-triggered inputs
Small 8-lead SOT-23 package, low power
Fast settling time of 4 μs typically
2.7 V to 5.5 V power supply
Low glitch on power-up
SYNC interrupt facility
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
GENERAL DESCRIPTION
The AD5040 and the AD5060, members of the ADI nanoDAC
family, are low power, single 14-/16-bit buffered voltage-out
DACs that operate from a single 2.7 V to 5.5 V supply. The
AD5040/AD5060 parts offer a relative accuracy specification
of ±1 LSB and operation are guaranteed monotonic with a
±1 LSB DNL specification. The parts use a versatile 3-wire serial
interface that operates at clock rates up to 30 MHz and is
compatible with standard SPI®, QSPI™, MICROWIRE™, and
DSP interface standards. The reference for both the AD5040
and AD5060 is supplied from an external VREF pin. A reference
buffer is also provided on-chip. The AD5060 incorporates a
power-on reset circuit that ensures the DAC output powers up
to midscale or zero scale and remains there until a valid write
takes place to the device. The AD5040 and the AD5060 both
contain a power-down feature that reduces the current con-
sumption of the device to typically 330 nA at 5 V and provides
software-selectable output loads while in power-down mode.
The parts are put into power-down mode over the serial
interface. Total unadjusted error for the parts is <2 mV.
Both parts exhibit very low glitch on power-up.
FUNCTIONAL BLOCK DIAGRAM
AD5040/
AD5060
VDD
VOUT
VREF
POWER-ON
RESET
DAC
REGISTER
DAC
INPUT
CONTROL
LOGIC
POWER-DOWN
CONTROL LOGIC
RESISTOR
NETWORK
REF(+)
SCLK
DIN
SYNC
DACGND
BUF
AGND
OUTPUT
BUFFER
Figure 1.
PRODUCT HIGHLIGHTS
1.
Available in a small, 8-lead SOT-23 package.
2.
14-/16-bit accurate, 1 LSB INL.
3.
Low glitch on power-up.
4.
High speed serial interface with clock speeds up to 30 MHz.
5.
Three power-down modes available to the user.
6.
Reset to known output voltage (midscale, zero scale).
Table 1. Related Devices
Part No.
Description
AD5061
2.7 V to 5.5 V, 16-bit nanoDAC D/A, 4 LSB INL, SOT-23
AD5062
2.7 V to 5.5 V, 16-bit nanoDAC D/A,1 LSB INL, SOT-23
AD5063
2.7 V to 5.5 V, 16-bit nanoDAC D/A, 1 LSB INL, MSOP


Numéro de pièce similaire - AD5060ARJZ-1500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
More results

Description similaire - AD5060ARJZ-1500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5060 AD-AD5060_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com