Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFA60UP30DNTU Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce FFA60UP30DNTU
Description  60 A, 300 V Ultrafast Dual Diode
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA60UP30DNTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFA60UP30DNTU Datasheet HTML 1Page - Fairchild Semiconductor FFA60UP30DNTU Datenblatt HTML 2Page - Fairchild Semiconductor FFA60UP30DNTU Datenblatt HTML 3Page - Fairchild Semiconductor FFA60UP30DNTU Datenblatt HTML 4Page - Fairchild Semiconductor FFA60UP30DNTU Datenblatt HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FFA60UP30DN Rev. A
FFA60UP30DN
Features
• Ultrafast Recovery
, Trr = 55 ns (@IF = 30 A)
• Max. Forward Voltage, VF = 1.5 V (@ TC = 25°C)
• Reverse Voltage: VRRM = 300 V
• Avalanche Energy Rated
Applications
• General
Purpose
• Switching Mode Power Supply
• Free-
Wheeling Diode for Motor Application
• Power
Switching Circuits
Absolute Maximum Ratings (per diode) T
a = 25°C unless otherwise noted
Thermal Characteristics T
a = 25°C unless otherwise noted
Symbol
Parameter
Value
Unit
VRRM
Peak Repetitive Reverse Voltage
300
V
VRWM
Working Peak Reverse Voltage
300
V
VR
DC Blocking Voltage
300
V
IF(AV)
Average Rectified Forward Current
@ TC = 135°C30
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
300
A
TJ, TSTG
Operating Junction and Storage Temperature
- 65 to +150
°C
Symbol
Parameter
Max
Units
RθJC
Maximum Thermal Resistance, Junction to Case
0.53
°C/W
TO-3P
N
1
1.Anode 2.Cathode 3.Anode
1. Anode 2. Cathode 3. Anode
1
2
3
60 A, 300 V Ultrafast Dual Diode
The FFA60UP30DN is an ultrafast diode with low forward
voltage drop and rugged UIS capability. This device is
intended for use as freewheeling and clamping diodes in a
variety of switching power supplies and other power switching
applications. It is specially suited for use in switching power
supplies and industrial applicationa as welder and UPS
application.
RoHS Compliant
tm
Septempber 2005


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn