Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HGTG7N60A4D Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce HGTG7N60A4D
Description  600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTG7N60A4D Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  HGTG7N60A4D Datasheet HTML 1Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 2Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 3Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 4Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 5Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 6Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 7Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 8Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
HGTG7N60A4D, HGTP7N60A4D, HGT1S7N60A4DS Rev. B
FIGURE 5. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 6. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 7. TURN-ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 8. TURN-OFF ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 9. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
01.0
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
5
10
1.5
2.0
3.0
25
20
TJ = 125
oC
TJ = 150
oC
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VGE = 12V
30
TJ = 25
oC
0.5
2.5
15
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
DUTY CYCLE < 0.5%, VGE = 15V
PULSE DURATION = 250
µs
TJ = 150
oC
TJ = 25
oC
0
5
10
25
20
30
15
0
1.0
1.5
2.0
3.0
0.5
2.5
TJ = 125
oC
300
ICE, COLLECTOR TO EMITTER CURRENT (A)
200
400
0
4
2
6
8
101214
TJ = 125
oC, V
GE = 12V, VGE = 15V
RG = 25Ω, L = 1mH, VCE = 390V
TJ = 25
oC, V
GE = 12V, VGE = 15V
100
0
500
300
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
50
200
100
250
350
TJ = 25
oC, V
GE = 12V OR 15V
TJ = 125
oC, V
GE = 12V OR 15V
150
RG = 25Ω, L = 1mH, VCE = 390V
4
2
6
8
101214
0
ICE, COLLECTOR TO EMITTER CURRENT (A)
8
14
16
TJ = 125
oC, V
GE = 15V
RG = 25Ω, L = 1mH, VCE = 390V
12
10
TJ = 25
oC, V
GE = 15V
TJ = 125
oC, V
GE = 12V
TJ = 25
oC, V
GE = 12V
4
26
8
10
12
14
0
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
20
10
40
30
RG = 25Ω, L = 1mH, VCE = 390V
TJ = 25
oC, V
GE = 12V, VGE = 15V
TJ = 125
oC, V
GE = 12V, VGE = 15V
4
2
6
8
101214
0
HGTG7N60A4D, HGTP7N60A4D, HGT1S7N60A4DS


Numéro de pièce similaire - HGTG7N60A4D

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
logo
Fairchild Semiconductor
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Description similaire - HGTG7N60A4D

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com