Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS71730DCKR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS71730DCKR
Description  Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71730DCKR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS71730DCKR Datasheet HTML 1Page - Texas Instruments TPS71730DCKR Datasheet HTML 2Page - Texas Instruments TPS71730DCKR Datasheet HTML 3Page - Texas Instruments TPS71730DCKR Datasheet HTML 4Page - Texas Instruments TPS71730DCKR Datasheet HTML 5Page - Texas Instruments TPS71730DCKR Datasheet HTML 6Page - Texas Instruments TPS71730DCKR Datasheet HTML 7Page - Texas Instruments TPS71730DCKR Datasheet HTML 8Page - Texas Instruments TPS71730DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PIN CONFIGURATIONS
NOTE:(1)N/C=Notconnected.
IN
N/C
(1)
EN
6
5
4
OUT
NR/FB
GND
1
2
3
GND
TPS717xxDRV
2mmx2mmSON
(TOPVIEW)
TPS717xxDCK
SC70-5PACKAGE
(TOPVIEW)
OUT
NR/FB
IN
GND
EN
IN
N/C
(1)
EN
6
5
4
OUT
GND
NR/FB
1
2
3
TPS717xxDSE
1.5mmx1.5mmSON
(TOPVIEW)
1
2
3
4
5
TPS717xx
www.ti.com.................................................................................................................................................. SBVS068G – FEBRUARY 2006 – REVISED APRIL 2009
Table 1. PIN DESCRIPTIONS
TPS717xx
1.5×1.5
SC70
2×2 SON
SON
NAME
(DCK)
(DRV)
(DSE)
DESCRIPTION
IN
1
6
6
Input to the device.
GND
2
3
2
Ground.
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the
EN
3
4
4
regulator into standby mode, thereby reducing operating current.
Fixed voltage versions only. An external capacitor connected to this terminal bypasses
NR
4
2
3
noise generated by the internal bandgap, lowering output noise.
Adjustable voltage version only. The voltage at this pin is fed to the error amplifier. A
FB
4
2
3
resistor divider from OUT to FB sets the output voltage when in regulation.
This is the regulated output voltage. A small capacitor is needed from this pin to ground
OUT
5
1
1
to assure stability; a 1.0
µF ceramic capacitor is adequate.
NC
5
5
Not connected. This pin can be tied to ground to improve thermal dissipation.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5


Numéro de pièce similaire - TPS71730DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71730DCKR TI-TPS71730DCKR Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKR TI-TPS71730DCKR Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKR TI-TPS71730DCKR Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKR TI-TPS71730DCKR Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKR TI-TPS71730DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Description similaire - TPS71730DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_09 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com