Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4060M013TR Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce HCF4060M013TR
Description  14-stage ripple carry binary counter/divider and oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4060M013TR Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button HCF4060M013TR Datasheet HTML 5Page - STMicroelectronics HCF4060M013TR Datasheet HTML 6Page - STMicroelectronics HCF4060M013TR Datasheet HTML 7Page - STMicroelectronics HCF4060M013TR Datasheet HTML 8Page - STMicroelectronics HCF4060M013TR Datasheet HTML 9Page - STMicroelectronics HCF4060M013TR Datasheet HTML 10Page - STMicroelectronics HCF4060M013TR Datasheet HTML 11Page - STMicroelectronics HCF4060M013TR Datasheet HTML 12Page - STMicroelectronics HCF4060M013TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID2055 Rev 6
9/15
HCF4060
Electrical characteristics
RX
5Cx = 10 μF20
M
Ω
10
Cx = 50 μF20
15
Cx = 10 μF10
CX
5Rx = 500 KΩ
1000
μF
10
Rx = 300 KΩ
50
15
Rx = 300 KΩ
50
Maximum oscillator frequency(2)
10
Rx = 5 KΩ, Cx = 15 pF
530
650
810
pF
15
690
800
940
1. Typical temperature coefficient for all VDD values is 0.3 %/°C, all input rise and fall times = 20 ns.
2. RC oscillator applications are not recommended at supply voltages below 7 V for RX = 50 KΩ.
Table 6. Dynamic electrical characteristics
(Tamb = 25 °C, CL = 50 pF, RL = 200 KΩ, tr = tf = 20 ns) (continued)
Symbol
Parameter
Test condition
Value(1)
Unit
VDD (V)
Min. Typ. Max.


Numéro de pièce similaire - HCF4060M013TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
HCF4060 STMICROELECTRONICS-HCF4060 Datasheet
625Kb / 15P
   14-stage ripple carry binary counter/divider and oscillator
May 2013 Rev 6
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
272Kb / 13P
   COUNTER/DIVIDER AND OSCILLATOR 14-STAGE RIPPLE CARRY BINARY
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
230Kb / 10P
   14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
HCF4060BC1 STMICROELECTRONICS-HCF4060BC1 Datasheet
272Kb / 13P
   COUNTER/DIVIDER AND OSCILLATOR 14-STAGE RIPPLE CARRY BINARY
HCF4060BEY STMICROELECTRONICS-HCF4060BEY Datasheet
272Kb / 13P
   COUNTER/DIVIDER AND OSCILLATOR 14-STAGE RIPPLE CARRY BINARY
More results

Description similaire - HCF4060M013TR

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
HEF4060BP652 PHILIPS-HEF4060BP652 Datasheet
115Kb / 7P
   14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
Nexperia B.V. All right...
HEF4060B NEXPERIA-HEF4060B Datasheet
255Kb / 14P
   14-stage ripple-carry binary counter/divider and oscillator
Rev. 10 - 8 November 2021
logo
Micro Electronics
MMC4060 MICRO-ELECTRONICS-MMC4060 Datasheet
164Kb / 4P
   14 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR
logo
NXP Semiconductors
HEF4060B PHILIPS-HEF4060B Datasheet
110Kb / 7P
   14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
System Logic Semiconduc...
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
STMicroelectronics
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
230Kb / 10P
   14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
logo
Nexperia B.V. All right...
HEF4060B-Q100 NEXPERIA-HEF4060B-Q100 Datasheet
726Kb / 14P
   14-stage ripple-carry binary counter/divider and oscillator
logo
STMicroelectronics
HCC4060B STMICROELECTRONICS-HCC4060B Datasheet
272Kb / 13P
   COUNTER/DIVIDER AND OSCILLATOR 14-STAGE RIPPLE CARRY BINARY
HCF4060 STMICROELECTRONICS-HCF4060 Datasheet
625Kb / 15P
   14-stage ripple carry binary counter/divider and oscillator
May 2013 Rev 6
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com