Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM49370RLX-NOPB Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM49370RLX-NOPB
Description  Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM49370RLX-NOPB Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM49370RLX-NOPB Datasheet HTML 7Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 8Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 9Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 10Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 11Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 12Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 13Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 14Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
LM49370
www.ti.com
SNAS356D – FEBRUARY 2007 – REVISED MARCH 2012
Electrical Characteristics
(1)(2) (continued)
Unless otherwise stated PLL_VDD = 3.3V, D_VDD = 3.3V, BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following
specifications apply for the circuit shown in Figure 2 unless otherwise stated. Limits apply for 25°C.
LM49370
Symbol
Parameter
Conditions
Units
Limit(4)
Typical(3)
(5)
Minimum Gain from AUX input,
–40.5
dB
BOOST OFF
Maximum Gain from AUX input,
6
dB
BOOST OFF
Minimum Gain from CPI input
–28.5
dB
Earpiece Audio Path Gain
Maximum Gain from CPI input
18
dB
Minimum Gain from MIC input using
–18
dB
SIDETONE path w/ VCRMIC gain = 6dB
Maximum Gain from MIC input using
12
dB
SIDETONE path w/ VCRMIC gain = 6dB
Minimum Gain from AUX input,
–46.5
dB
BOOST OFF
Maximum Gain from AUX input,
0
dB
AUXOUT Audio Path Gain
BOOST OFF
Minimum Gain from CPI input
–34.5
dB
Maximum Gain from CPI input
12
dB
Minimum Gain from AUX input,
–46.5
dB
BOOST OFF
Maximum Gain from AUX input,
0
dB
CPOUT Audio Path Gain
BOOST OFF
Minimum Gain from MIC input
6
dB
Maximum Gain from MIC input
36
dB
Total DC Power Dissipation
DAC (fS = 48kHz) and HP ON
fMCLK = 12MHz, PLL OFF
56
mW
Digital Playback Mode Power Dissipation
fMCLK = 13MHz, PLL ON
71
mW
fPLLOUT = 12MHz
AUX Inputs selected and HP ON
Analog Playback Mode Power
Dissipation
fMCLK = 13MHz, PLL OFF
22
mW
PCM DAC (fS = 8kHz) + ADC (fS = 8kHz)
and EP ON
VOICE CODEC Mode Power Dissipation
fMCLK = 13MHz, PLL OFF
46
mW
CP IN selected. EP and CPOUT ON
VOICE Module Mode Power Dissipation
fMCLK = 13MHz, PLL OFF
27
mW
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM49370


Numéro de pièce similaire - LM49370RLX-NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
More results

Description similaire - LM49370RLX-NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370 TI1-LM49370_14 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49350 TI-LM49350_15 Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM4935 TI1-LM4935_14 Datasheet
2Mb / 91P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com