Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM49370RLX-NOPB Fiches technique(PDF) 72 Page - Texas Instruments

No de pièce LM49370RLX-NOPB
Description  Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM49370RLX-NOPB Fiches technique(HTML) 72 Page - Texas Instruments

Back Button LM49370RLX-NOPB Datasheet HTML 68Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 69Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 70Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 71Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 72Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 73Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 74Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 75Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
0.001
0.01
0.1
1
10
0.002
0.02
0.2
2
0.005
0.05
0.5
5
OUTPUT POWER (W)
50m
1m 2m
5m 10m 20m
100m 200m
0.001
0.01
0.1
1
10
0.002
0.02
0.2
2
0.005
0.05
0.5
5
OUTPUT POWER (W)
50m
1m 2m
5m 10m 20m
100m 200m
10m
100m
OUTPUT POWER (W)
0.001
0.01
0.1
1
10
1m
20m
2m
50m
5m
0.002
0.02
0.2
2
0.005
0.05
0.5
5
10m
100m
OUTPUT POWER (W)
0.001
0.01
0.1
1
10
1m
20m
2m
50m
5m
0.002
0.02
0.2
2
0.005
0.05
0.5
5
1m
OUTPUT POWER (W)
0.01
0.02
0.05
0.1
2m
10m
50m 100m
5m
20m
0.2
0.5
1
2
5
10
0.001
0.002
0.005
10m
100m
OUTPUT POWER (W)
0.001
0.01
0.1
1
10
1m
20m
2m
50m
5m
0.002
0.02
0.2
2
0.005
0.05
0.5
5
LM49370
SNAS356D – FEBRUARY 2007 – REVISED MARCH 2012
www.ti.com
Typical Performance Characteristics (continued)
(For all performance curves AVDD refers to the voltage applied to the A_VDD and LS_VDD pins. DVDD refers to the voltage
applied to the D_VDD and PLL_VDD pins; AVDD = 3.3V and DVDD = 3.3V unless otherwise specified.
Headphone THD+N
Headphone THD+N
vs
vs
Output Power AVDD = 5V, SE, 0dB AUX
Output Power AVDD = 3.3V, SE, 0dB AUX
fOUT = 1kHz, 16Ω
fOUT = 1kHz, 32Ω
Figure 181.
Figure 182.
Headphone THD+N
Headphone THD+N
vs
vs
Output Power AVDD = 5V, SE, 0dB AUX
Output Power AVDD = 3.3V, SE, 0dB CPI
fOUT = 1kHz, 32Ω
fOUT = 1kHz, 16Ω
Figure 183.
Figure 184.
Headphone THD+N
Headphone THD+N
vs
vs
Output Power AVDD = 5V, SE, 0dB CPI
Output Power AVDD = 3.3V, SE, 0dB CPI
fOUT = 1kHz, 16Ω
fOUT = 1kHz, 32Ω
Figure 185.
Figure 186.
72
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: LM49370


Numéro de pièce similaire - LM49370RLX-NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
More results

Description similaire - LM49370RLX-NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370 TI1-LM49370_14 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49350 TI-LM49350_15 Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM4935 TI1-LM4935_14 Datasheet
2Mb / 91P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com