Moteur de recherche de fiches techniques de composants électroniques |
|
LM2577SX-12 Fiches technique(PDF) 2 Page - Texas Instruments |
|
LM2577SX-12 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 42 page LM1577, LM2577 SNOS658D – JUNE 1999 – REVISED APRIL 2013 www.ti.com *No Internal Connection *No internal Connection Figure 3. 16-Lead PDIP (N) – Top View Figure 4. 24-Lead SOIC Package (M) – Top View See Package Number NBG0016G See Package Number DW Figure 5. 5-Lead DDPAK/TO-263 (S) SFM Package – Figure 6. 5-Lead DDPAK/TO-263 (S) SFM Package – Top View Side View See Package Number KTT0005B Figure 7. 4-Lead TO-220 (K) – Bottom View See Package Number NEB0005B Typical Application Note: Pin numbers shown are for TO-220 (T) package. These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM1577 LM2577 |
Numéro de pièce similaire - LM2577SX-12 |
|
Description similaire - LM2577SX-12 |